Electronic Components Datasheet Search
  English  ▼

X  

WA23 Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # WA23
Description  1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD, SIZE 8, BLACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

WA23 Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  WA23 Datasheet HTML 1Page - Amphenol Sine Systems Corp. WA23 Datasheet HTML 2Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
RELEASE NUMBER
27MAY20
VITO
A1
-
ATHD06-1-8S-OM
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
QUANTITY
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
PART NUMBER
DWG NO:
TYPE
SHEET
OF
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD,
SIZE 8, BLACK
B
A2
1
1
NONE
TOMMY
53.5±0.5
Ø21.0
Ø14.2
10.9
21.9
6
CHANGE IP RATE FROM IP67 TO IP67&IP69K
27OCT20
VITO
A2
-
TOMMY


Similar Part No. - WA23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WA23 ETC-WA23 Datasheet
1Mb / 3P
HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
WA23-10 ETC-WA23-10 Datasheet
1Mb / 3P
HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
WA23-11 ETC-WA23-11 Datasheet
1Mb / 3P
HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
WA23-12 ETC-WA23-12 Datasheet
1Mb / 3P
HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
WA23-13 ETC-WA23-13 Datasheet
1Mb / 3P
HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
More results

Similar Description - WA23

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MB1EJN0800 AMPHENOL-MB1EJN0800 Datasheet
79Kb / 1P
Rotatable 90째 Plug, 8 Pos
MC1CJN0800 AMPHENOL-MC1CJN0800 Datasheet
65Kb / 1P
Straight Plug, 8 Pos
logo
Glenair, Inc.
852-006 GLENAIR-852-006 Datasheet
228Kb / 1P
Size 8 Coaxial Socket
logo
Amphenol Sine Systems C...
ATMH06-2SX ASS-ATMH06-2SX Datasheet
257Kb / 2P
2 POS, PLUG, SOCKET, ATMH SERIES, KEYED, BLACK COLOR
Rev. A2
AT06-08SX-OMXXX ASS-AT06-08SX-OMXXX Datasheet
604Kb / 3P
STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 8 SOCKET, AT SERIES
Rev. A3
AT06-12SX-OMXXX ASS-AT06-12SX-OMXXX Datasheet
610Kb / 3P
STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 12 SOCKET, AT SERIES
Rev. A3
AT06-4S-OMXXX ASS-AT06-4S-OMXXX Datasheet
322Kb / 2P
STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 4 SOCKET, AT SERIES
Rev. A3
ATHD06-1-12S-OM ASS-ATHD06-1-12S-OM Datasheet
334Kb / 2P
1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD, SIZE 12, BLACK
Rev. A2
ATP06-6S-OMXXX ASS-ATP06-6S-OMXXX Datasheet
239Kb / 2P
STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 6 SOCKET, ATP SERIES
Rev. 01
logo
TE Connectivity Ltd
1379659 TEC-1379659 Datasheet
661Kb / 2P
025 TH 8 POS PLUG HOUSING
REV. L
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com