Electronic Components Datasheet Search
  English  ▼

X  

TCL Datasheet(PDF) 4 Page - Exxelia Group

Part # TCL
Description  High Voltage Varnished Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCL Datasheet(HTML) 4 Page - Exxelia Group

  TCL Datasheet HTML 1Page - Exxelia Group TCL Datasheet HTML 2Page - Exxelia Group TCL Datasheet HTML 3Page - Exxelia Group TCL Datasheet HTML 4Page - Exxelia Group TCL Datasheet HTML 5Page - Exxelia Group TCL Datasheet HTML 6Page - Exxelia Group TCL Datasheet HTML 7Page - Exxelia Group TCL Datasheet HTML 8Page - Exxelia Group TCL Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CERAMIC CAPACITORS
46
www.exxelia.com
Taping : dimensions
Page revised 02/21
High voltage multilayer ceramic capacitors designed by EXXELIA are adapt-
ed to applications in electronics such as high voltage power supplies and high
circuits. Their multilayer construction offers significant size and space sav-
ing advantages. They are available in class 1 (NPO), class 2 (X7R) and C4xx
(–2,200 ppm/°C) dielectrics versions complying with the main requirements
of applicable standards. They are suited for use in commercial, industrial and
High-Rel military and space circuits.
As standard products can’t meet all the specificities of all applications, special
applications may require specific features (higher voltage, burn-in, dimensions,
coating, leading, marking…) not described in this catalogue. Based on our
state-of-the-art technologies and our expertise, our Engineers may study at
your request all special components to meet your application.
Please, consult us for more information.
NPO/COG DIELECTRICS (CLASS 1)
Made of titanium oxide and other various selected oxides, they feature unique
stability of all parameters under such constraints as operating time, tempera-
ture, voltage applied. For example, the quality factor remains very high over an
extremely wide frequency range. As example, loss angle tangent value at 1MHz
is typically in the order of 3.10-4. These characteristics make them compatible
with steep-edge impulse mode without noticeable temperature rise. The differ-
ent parameters and related variations are illustrated in figures below:
NPO: RELATIVE CAPACITANCE CHANGE VS TEMPERATURE
–0,4
–55
–35
–15
5
25
45
65
85
105
125
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
∆C/C (%)
V
(°C)
Nominal
Limit
General Information
1
103
102
10
5
2
5
2
5
2
5
10 25
102 25
103 25
104 25
105
106
2
CR(pF)
FR(MHz)
Chips
Molded
1
104
103
5
2
5
2
102
5
2
10
5
2
–55–40
02085125
155
IR (G )
(°C)
0,1
–55–40
02085125
155
100
Tg d (x10–4)
5
2
10
5
2
1
5
2
(°C)
V
10
103
1
102
103
102
104
107
105
106
N (kHz)
10
104
10 nF
100 nF
1 nF
100 pF
10 pF
Z (m )
NPO: IMPEDANCE VS FREQUENCY
NPO: INSULATION RESISTANCE VS TEMPERATURE
NPO: LOSS TANGENT VS TEMPERATURE
NPO, X7R, C4xx: SELF-RESONANCE FREQUENCE VS CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com