Electronic Components Datasheet Search
  English  ▼

X  

TCL Datasheet(PDF) 1 Page - Exxelia Group

Part # TCL
Description  High Voltage Varnished Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCL Datasheet(HTML) 1 Page - Exxelia Group

  TCL Datasheet HTML 1Page - Exxelia Group TCL Datasheet HTML 2Page - Exxelia Group TCL Datasheet HTML 3Page - Exxelia Group TCL Datasheet HTML 4Page - Exxelia Group TCL Datasheet HTML 5Page - Exxelia Group TCL Datasheet HTML 6Page - Exxelia Group TCL Datasheet HTML 7Page - Exxelia Group TCL Datasheet HTML 8Page - Exxelia Group TCL Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CERAMIC CAPACITORS
59
www.exxelia.com
General characteristics
Page revised 02/21
HOW TO ORDER
TCL
1
82
W
F
680pF
10%
4,000 V
B
Series
Dielectric code
Exxelia
size code
RoHS
compliant
Quality level
Capacitance
Tolerance
Rated voltage
Reliability level
TCL =
Varnished radial
leaded capacitor
1 = NPO
2 = X7R
4 = C4xx
79
90
80
91
81
82
83
84
89
85
87
88
- = No RoHS
W = RoHS
compliant
- = standard quality
level
F = Hi-Rel quality:
screening
in accordance with
Exxelia specification
Capacitance value
in clear
NPO dielectric:
±1%
±2%
±5%
±10%
±20%
C4xx dielectric:
±2%
±5%
±10%
±20%
X7R dielectric:
±10%
±20%
200 V
500 V
1,000 V
1,500 V
2,000 V
3,000 V
4,000 V
5,000 V
7,500 V
10,000 V
Intermediary and
higher voltages
available: contact
your sales
representative.
For F parts only.
Acc. to Exxelia spec.
-
T5
T6
See page 15
FEATURES
• Multilayer chip ceramic capacitors
• NPO, C4xx and X7R dielectrics
• Capacitance range: 10pf to 39
µF
• Voltage range: 200 VDC to 10,000 VDC
PHYSICAL CHARACTERISTICS
CONSTRUCTION
Varnished radial leaded chip capacitors for through-hole
circuits. Models suited to applications for reduced size is
required with minimum exposure to external constraint, or
to assemblies potted by the user.
MARKING
Series, capacitance value, tolerance, rated voltage clear,
date code.
High Voltage Varnished Leaded Capacitors
TCL Series
ELECTRICAL SPECIFICATIONS
DIELECTRIC
NPO
C4xx
X7R
Dielectriccode
1
4
2
Maximum ∆C/°C
over temperature range without
voltage
NA
NA
±15%
Temperature coefficient
(0±30) ppm/°C
(–2,200±500) ppm/°C
NA
Aging
None
None
≤ 2.5% per decade hour
Operating temperature
–55°C to +125°C
Rated voltage (URC)
200 VDC to
10,000 VDC
200 VDC to
5,000 VDC
200 VDC to
10,000 VDC
Dielectric
withstanding voltage
2.5 URC for URC ≤ 500 VDC
1.6 URC for URC ≥ 1,000 VDC
Extended range:
2 URC for URC ≤ 500 VDC
1.3 URC for URC ≥ 1,000 VDC
2.5 URC for URC = 200 VDC
2 URC for URC = 500 VDC
1.5 URC for URC = 1,000 VDC
1.4 URC for URC > 1,000 VDC
Extended range:
1.5 URC for URC ≤ 500 VDC
1.2 URC for URC ≥ 1,000 VDC
2.5 URC for URC = 200 VDC
2 URC for URC = 500 VDC
1.5 URC for URC = 1,000 VDC
1.2 URC for URC > 1,000 VDC
Extended range:
1.5 URC for URC ≤ 500 VDC
1.2 URC for URC ≥ 1,000 VDC
Capacitance
at 1MHz for C ≤ 1,000pf
at 1kHz for C > 1,000pf
at 1kHz
at 1kHz
Dissipation factor
≤ 0.015(150/C+7)%at1MHz
for C ≤ 50pf
≤ 0.10% at 1kHz
≤ 2.5% at 1kHz
≤ 0.15% at 1MHz
for 50pf < C ≤ 1,000pf
≤ 0.15% at 1kHz
for C > 1,000pf
Insulation resistance at 25°C
under URC for URC ≤ 500 V
under 500 VDC for URC > 500 V
≥ 100,000 MΩ for C ≤ 10nf
≥ 1,000 MΩ.
µF for C > 10nf
≥ 20,000 MΩ for C ≤ 25nf
≥ 500 MΩ.
µF for C > 25nf


Similar Part No. - TCL

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TCL TRACOPOWER-TCL Datasheet
439Kb / 6P
TCL Series, 24 to 240 Watt
Rev. September 20, 2021
TCL-012-124-DC TRACOPOWER-TCL-012-124-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TCL-024-105 TRACOPOWER-TCL-024-105 Datasheet
439Kb / 6P
TCL Series, 24 to 240 Watt
Rev. September 20, 2021
TCL-024-105-DC TRACOPOWER-TCL-024-105-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TCL-024-112 TRACOPOWER-TCL-024-112 Datasheet
439Kb / 6P
TCL Series, 24 to 240 Watt
Rev. September 20, 2021
More results

Similar Description - TCL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4626 BOURNS-4626 Datasheet
108Kb / 1P
Varnished Chokes
4668 BOURNS-4668 Datasheet
108Kb / 1P
Varnished Chokes
logo
AVX Corporation
3009034 AVX-3009034 Datasheet
95Kb / 6P
ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
logo
Bourns Electronic Solut...
6302-RC BOURNS-6302-RC Datasheet
426Kb / 1P
Varnished Chokes
logo
AVX Corporation
3001034B102KM AVX-3001034B102KM Datasheet
98Kb / 6P
High Voltage Chip/Leaded Capacitors
logo
Vishay Siliconix
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
20-Apr-2021
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
19-Jul-2021
logo
Exxelia Group
TKD EXXELIA-TKD Datasheet
791Kb / 17P
High Voltage Conformal Coated Leaded Capacitors
02/21
TCF EXXELIA-TCF Datasheet
793Kb / 18P
High Voltage Conformal Coated Leaded Capacitors
revised 02/21
TCK EXXELIA-TCK Datasheet
890Kb / 18P
High Voltage Molded Leaded Capacitors
revised 10/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com