Electronic Components Datasheet Search
  English  ▼

X  

TKD Datasheet(PDF) 13 Page - Exxelia Group

Part # TKD
Description  High Voltage Conformal Coated Leaded Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TKD Datasheet(HTML) 13 Page - Exxelia Group

Back Button TKD Datasheet HTML 9Page - Exxelia Group TKD Datasheet HTML 10Page - Exxelia Group TKD Datasheet HTML 11Page - Exxelia Group TKD Datasheet HTML 12Page - Exxelia Group TKD Datasheet HTML 13Page - Exxelia Group TKD Datasheet HTML 14Page - Exxelia Group TKD Datasheet HTML 15Page - Exxelia Group TKD Datasheet HTML 16Page - Exxelia Group TKD Datasheet HTML 17Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CERAMIC CAPACITORS
13
www.exxelia.com
Page revised 02/21
General characteristics
• leave the tip on the footprint for a few seconds in order to increase locally the
footprint’s temperature,
• use a cored wire solder and put it down on the iron tip. In a preferred way use
Sn/Pb/Ag 62/36/2 alloy,
• wait until the solder fillet is formed on the capacitor’s termination,
• take away iron and wire solder,
• wait a few minutes so that the substrate and capacitor come back down to
the preheating temperature,
• solder the second termination using the same procedure as the first,
• let the soldered component cool down slowly to avoid any thermal shock.
PACKAGING
TAPE AND REEL
The films used on the reels correspond to standard IEC 60286-3. Films are de-
livered on reels in compliance with document IEC 286-3 dated 1991.
Minimum quantity is 250 chips.
Maximum quantities per reel are as follows:
• Super 8 reel - Ø 180: 2,500 chips.
• Super 8 reel - Ø 330: 10,000 chips.
• Super 12 reel - Ø 180: 1,000 chips.
Reel marking complies with CECC 32100 standard:
• Model.
• Rated capacitance.
• Capacitance tolerance.
• Rated voltage.
• Batch number.
User Guide
Sizes
Nr. of chips/
package
Oriented chips
Dimensions in inches (in mm)
A
B
C
D
E
0402
100
No
Ø 0.112 (Ø 3.02)
0.065 (1.65)
0.167 (4.24)
2 (50.8)
0403
100
No
Ø 0.112 (Ø 3.02)
0.065 (1.65)
0.167 (4.24)
2 (50.8)
0504
100
Yes
0.059 (1.5)
0.045 (1.14)
0.035 (0.89)
0.167 (4.24)
2 (50.8)
0603
340
Yes
0.1 (2.54)
0.06 (1.52)
0.045 (1.14)
0.167 (4.24)
2 (50.8)
0805
100
Yes
0.1 (2.54)
0.06 (1.52)
0.045 (1.14)
0.167 (4.24)
2 (50.8)
1206
100
No
0.14 (3.56)
0.14 (3.56)
0.06 (1.52)
0.167 (4.24)
2 (50.8)
1210
100
Yes
0.14 (3.56)
0.14 (3.56)
0.06 (1.52)
0.167 (4.24)
2 (50.8)
1812
100
No
0.25 (6.35)
0.25 (6.35)
0.13 (3.3)
0.345 (8.76)
4 (101.6)
25
Yes
0.24 (6.1)
0.265 (6.73)
0.07 (1.78)
0.345 (8.76)
2 (50.8)
2220
100
Yes
0.25 (6.35)
0.25 (6.35)
0.13 (3.3)
0.345 (8.76)
4 (101.6)
25
Yes
0.24 (6.1)
0.265 (6.73)
0.07 (1.78)
0.345 (8.76)
2(50.8)
DIMENSIONAL CHARACTERISTICS OF CHIPS TRAY PACKAGES
HIGH Q CAPACITORS TAPE AND REEL PACKAGING SPECIFICATIONS
Chips tray depth: C
E
E
A
D
D
B
TRAY PACKAGES
Sizes
Type (1)
W±0.3
inches (mm)
F ±0.05
inches (mm)
P1 ±0.1
inches (mm)
T max.
inches (mm)
Reel Size
inches (mm)
Quantity per Reel
A (0505)
H
0,315 (8)
0,138 (3.5)
0,157 (4)
0,010 (0,25)
7,087 (180)
3’000
A (0505)
V
0,315 (8)
0,138 (3.5)
0,157 (4)
0,010 (0,25)
7,087 (180)
3’000
S (0603)
H
0,315 (8)
0,138 (3.5)
0,157 (4)
0,016 (0,4)
7,087 (180)
4’000
F (0805)
H
0,315 (8)
0,138 (3.5)
0,157 (4)
0,016 (0,4)
7,087 (180)
4’000
B (1111)
H
0,315 (8)
0,138 (3.5)
0,157 (4)
0,012 (0,3)
7,087 (180)
1’000
B (1111)
V
0,315 (8)
0,138 (3.5)
0,157 (4)
0,010 (0,25)
7,087 (180)
1’000
X (2225)
H
0,472 (12)
0,138 (5.5)
0,472 (12)
0,018 (0,45)
12,992 (330)
500
E (4040)
H
0,945 (24)
0,453±0,004 (11.5±0.1)
0,630 (16)
0,018 (0,45)
12,992 (330)
700
E (4040)
V
1,260 (32)
0,559±0,004 (14.2 ±0.1)
0,945 (24)
0,022 (0,55)
15 (381)
350
(1): Horizontal (H) or Vertical (V) orientation in cavities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com