Electronic Components Datasheet Search
  English  ▼

X  

TKD Datasheet(PDF) 2 Page - Exxelia Group

Part # TKD
Description  High Voltage Conformal Coated Leaded Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TKD Datasheet(HTML) 2 Page - Exxelia Group

  TKD Datasheet HTML 1Page - Exxelia Group TKD Datasheet HTML 2Page - Exxelia Group TKD Datasheet HTML 3Page - Exxelia Group TKD Datasheet HTML 4Page - Exxelia Group TKD Datasheet HTML 5Page - Exxelia Group TKD Datasheet HTML 6Page - Exxelia Group TKD Datasheet HTML 7Page - Exxelia Group TKD Datasheet HTML 8Page - Exxelia Group TKD Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CERAMIC CAPACITORS
58
www.exxelia.com
Taping : dimensions
Page revised 02/21
TKD Series
High Voltage Conformal Coated Leaded Capacitors
STANDARD RATINGS
Exxelia
size code
79
90
80
91
81
82
L max.
0.25
(6.35)
0.256
(6.5)
0.319
(8.1)
0.319
(8.1)
0.371
(9.4)
0.469
(11.9)
W max.
0.221
(5.6)
0.355
(9)
0.296
(7.5)
0.355
(9)
0.327
(8.3)
0.414
(10.5)
T max.
0.197
(5)
0.217
(5.5)
0.25
(6.35)
0.25
(6.35)
0.25
(6.35)
0.25
(6.35)
Ø ± 10%
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
X
0.169 ± 0.020
(4.3 ± 0.5)
0.169 ± 0.020
(4.3 ± 0.5)
0.220 ± 0.020
(5.6 ± 0.5)
0.220 ± 0.020
(5.6 ± 0.5)
0.276 ± 0.020
(7.0 ± 0.5)
0.374 ± 0.020
(9.5 ± 0.5)
Dielectric
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
Exxelia ceramic code
142142142142142142
Min. Capacitance value
10pF
27pF
100pF
10pF
33pF
150pF
10pF
33pF
150pF
15pF
47pF
150pF
18pF
56pF
150pF
33pF
82pF
330pF
0.2kV
Standard
5.6nF
100nF
220nF
12nF
180nF
470nF
12nF
180nF
390nF
15nF
330nF
560nF
18nF
270nF
820nF
33nF
560nF
1.5
µF
Extended
15nF
-
470nF
27nF
-
-
22nF
-
1
µF
39nF
-
-
47nF
-
1.8
µF
82nF
-
2.7
µF
0.5kV
Standard
3.3nF
22nF
47nF
6.8nF
47nF
100nF
5.6nF
47nF
100nF
6.8nF
68nF
150nF
8.2nF
82nF
220nF
22nF
120nF
390nF
Extended
10nF
39nF
150nF
18nF
68nF
-
18nF
68nF
270nF
22nF
100nF
-
27nF
120nF
560nF
68nF
220nF
1
µF
1kV
Standard
1.8nF
6.8nF
15nF
2.7nF
12nF
24nF
2.2nF
12nF
22nF
3.3nF
18nF
33nF
3.9nF
22nF
47nF
10nF
39nF
68nF
Extended
5.6nF
10nF
27nF
8.2nF
15nF
-
6.8nF
15nF
56nF
10nF
22nF
-
12nF
27nF
120nF
33nF
56nF
220nF
1.5kV
Standard
820pF
2.7nF
5.6nF
1.2nF
5.6nF
10nF
1.5nF
5.6nF
10nF
2.2nF
8.2nF
15nF
2.7nF
10nF
18nF
4.7nF
18nF
33nF
Extended
1.5nF
3.9nF
12nF
2.2nF
8.2nF
-
2.2nF
6.8nF
22nF
3.3nF
12nF
-
4.7nF
15nF
47nF
8.2nF
27nF
82nF
2kV
Standard
390pF
1.5nF
3.3nF
680pF
2.7nF
5.6nF
470pF
2.7nF
5.6nF
820pF
4.7nF
6.8nF
1.2nF
5.6nF
10nF
3.3nF
10nF
18nF
Extended
820pF
2.2nF
5.6nF
1.2nF
3.9nF
-
1nF
3.9nF
12nF
1.8nF
6.8nF
-
2.7nF
8.2nF
27nF
6.8nF
15nF
47nF
3kV
Standard
180pF
680pF
1.2nF
180pF
1.2nF
2.2nF
220pF
1.2nF
2.2nF
330pF
1.8nF
3.3nF
470pF
2.2nF
3.9nF
820pF
3.9nF
6.8nF
Extended
390pF
1nF
2.7nF
680pF
1.8nF
-
470pF
1.8nF
4.7nF
820pF
2.7nF
-
1nF
3.3nF
12nF
1.8nF
5.6nF
22nF
4kV
Standard
100pF
330pF
680pF
120pF
680pF
1nF
150pF
820pF
1.2nF
220pF
1.2nF
1.8nF
330pF
1.5nF
2.7nF
560pF
2.7nF
4.7nF
Extended
220pF
560pF
-
330pF
1nF
-
330pF
1.2nF
2.2nF
680pF
1.8nF
-
820pF
2.2nF
4.7nF
1.5nF
3.9nF
10nF
5kV
Standard
-
-
-
-
-
-
100pF
560pF
820pF
150pF
820pF
1nF
220pF
820pF
1.5nF
390pF
1.8nF
2.7nF
Extended
-
-
-
-
-
-
220pF
820pF
1.5nF
320pF
1.2nF
-
560pF
1.2nF
3.3nF
1nF
2.7nF
5.6nF
Exxelia
size code
83
84
89
85
87
88
L max.
0.569
(14.45)
0.67
(17)
0.701
(17.8)
0.77
(19.55)
1.221
(31)
1.772
(45)
W max.
0.504
(12.8)
0.552
(14)
0.689
(17.5)
0.749
(19)
0.945
(24)
0.906
(23)
T max.
0.27
(6.85)
0.27
(6.85)
0.27
(6.85)
0.27
(6.85)
0.27
(6.85)
0.27
(6.85)
Ø ± 10%
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
X
0.472 ± 0.020
(12.0 ± 0.5)
0.575 ± 0.020
(14.6 ± 0.5)
0.575 ± 0.020
(14.6 ± 0.5)
0.673 ± 0.020
(17.1 ± 0.5)
1.083 ± 0.020
(27.5 ± 0.5)
1.583 ± 0.020
(40.2 ± 0.5)
Dielectric
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
Exxelia ceramic code
142142142142142142
Min. Capacitance value
10pF
180pF
270pF
22pF
270pF
390pF
27pF
390pF
560pF
47pF
470pF
1nF
120pF
1nF
2.2nF
150pF
1.8nF
2.7nF
0.2kV
Standard
56nF
1
µF
2.7
µF
82nF
1.2
µF
3.9
µF
100nF
1.5
µF
4.7
µF
180nF
2.7
µF
6.8
µF
330nF
5.6
µF
12
µF
390nF
8.2
µF
15
µF
Extended
180nF
-
5.6
µF
220nF
-
6.8
µF
220nF
-
8.2
µF
470nF
-
12
µF1µF-
33
µF
1.2
µF-
39
µF
0.5kV
Standard
33nF
270nF
680nF
47nF
330nF
1
µF
56nF
390nF
1.2
µF
82nF
680nF
1.8
µF
150nF
1.5
µF
3.9
µF
270nF
1.8
µF
4.7
µF
Extended
100nF
390nF
1.5
µF
150nF
560nF
2.2
µF
150nF
680nF
2.7
µF
270nF
1
µF
3.9
µF
470nF
2.2
µF
10
µF
820nF
2.7
µF
12
µF
1kV
Standard
15nF
82nF
150nF
22nF
82nF
220nF
33nF
120nF
270nF
39nF
220nF
390nF
82nF
560nF
1
µF
150nF
680nF
1.2
µF
Extended
47nF
120nF
390nF
68nF
120nF
560nF
82nF
220nF
560nF
120nF
330nF
1
µF
270nF
680nF
2.7
µF
470nF
1
µF
3.3
µF
1.5kV
Standard
8.2nF
39nF
82nF
12nF
39nF
100nF
15nF
68nF
150nF
22nF
100nF
180nF
47nF
220nF
470nF
68nF
330nF
560nF
Extended
18nF
56nF
180nF
22nF
56nF
220nF
33nF
100nF
330nF
47nF
150nF
470nF
100nF
330nF
1.2
µF
150nF
470nF
1.5
µF
2kV
Standard
4.7nF
18nF
33nF
6.8nF
22nF
68nF
8.2nF
39nF
68nF
12nF
56nF
100nF
27nF
120nF
220nF
39nF
180nF
330nF
Extended
10nF
27nF
100nF
15nF
33nF
150nF
18nF
56nF
150nF
27nF
82nF
220nF
56nF
180nF
560nF
82nF
270nF
820nF
3kV
Standard
1.5nF
8.2nF
15nF
2.7nF
10nF
27nF
3.3nF
18nF
27nF
4.7nF
27nF
39nF
12nF
56nF
100nF
15nF
68nF
120nF
Extended
3.3nF
12nF
39nF
5.6nF
15nF
56nF
10nF
22nF
68nF
10nF
39nF
100nF
27nF
82nF
270nF
33nF
100nF
330nF
4kV
Standard
1.2nF
5.6nF
10nF
2.2nF
6.8nF
15nF
2.7nF
12nF
18nF
3.9nF
15nF
27nF
8.2nF
39nF
68nF
12nF
47nF
100nF
Extended
2.7nF
8.2nF
18nF
4.7nF
10nF
27nF
6.8nF
18nF
39nF
8.2nF
22nF
47nF
22nF
56nF
120nF
27nF
82nF
150nF
5kV
Standard
1nF
3.9nF
5.6nF
1.8nF
4.7nF
10nF
1.8nF
8.2nF
12nF
3.3nF
12nF
18nF
6.8nF
22nF
56nF
6.8nF
33nF
68nF
Extended
2.2nF
5.6nF
15nF
3.3nF
6.8nF
22nF
4.7nF
12nF
27nF
6.8nF
18nF
39nF
15nF
33nF
68nF
18nF
47nF
100nF
7.5kV
Standard
150pF
-
1.5nF
270pF
-
2.7nF
470pF
-
3.3nF
560pF
-
6.8nF
1.5nF
-
15nF
2.2nF
-
27nF
Extended
330pF
-
3.3nF
560pF
-
5.6nF
1.2nF
-
6.8nF
1.2nF
-
12nF
3.3nF
-
33nF
4.7nF
-
47nF
10kV
Standard
100pF
-
680pF
180pF
-
1.2nF
270pF
-
1.5nF
390pF
-
3.3nF
1nF
-
8.2nF
1.5nF
-
12nF
Extended
220pF
-
1.8nF
390pF
-
3.3nF
680pF
-
3.9nF
820pF
-
6.8nF
2.2nF
-
15nF
3.3nF
-
22nF
Available capacitance values:
NPO, C4xx dielectrics: E6, E12, E24 (see page 14). Specific values upon request.
X7R dielectric: E6, E12 in standard (see page 14). Specific values upon request.
The above table defines the standard products, other components may be built upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com