Electronic Components Datasheet Search
  English  ▼

X  

286CCCDBAAB1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 286CCCDBAAB1
Description  Multi-turn Hall-Effect Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

286CCCDBAAB1 Datasheet(HTML) 2 Page - CTS Corporation

  286CCCDBAAB1 Datasheet HTML 1Page - CTS Corporation 286CCCDBAAB1 Datasheet HTML 2Page - CTS Corporation 286CCCDBAAB1 Datasheet HTML 3Page - CTS Corporation 286CCCDBAAB1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2018 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Series 286
Non Contacting Position Sensor
2022-10-20 Rev. 0
Page 2 of 4
Electrical Specifications
Sensor Function
Min
Typical
Max
Unit
Output
•
Single output
•
Dual output
•
PWM 1KHz, 10% to 90%
duty cycles on 5V(Optional)
Independent
Linearity
at room temperature
-0.5%
+0.5%
Hysteresis
0.5%
Vsup
Output Voltage
5%
95%
Vsup
Overvoltage Limits
@5V
-18
18
VDC
Output Current
-8
+8
mA
Output Load
5
10
K ohms
Input Voltage
4.5
5
5.5
VDC
Supply Current
8
13
mA
Resolution
12 BIT at 360°
Dielectric Strength
1 minute
750
VDC
Insulation Resistance
at 500 VDC
1000
Megohms
Electrostatic
Discharge (ESD)
Contact discharges@5V
-8
+8
KV
*Note: For 3.3V and PWM version, please contact CTS for further information.
Mechanical and Environmental
Soldering
Maximum manual temperature, 350°C for 5 seconds
Bearing
10 Million cycles
RoHS
Lead-Free. Fully compliant to RoHS Directive 2011/65/EU
Total Mechanical Travel
10 turns 3600°, 5 turns 1800° continuous
Push and Pull Shaft Strength 13.6 Kgf min.
Rotational Life
10 Million cycles
Panel Nut tightening Torque 25 in-lb
IP Rating
67
Marking
CTS logo, part number, date code
Packaging
Standard anti-static tray packaging
Operating Temperature
Range
-40°C to +125°C
Storage Temperature
Range:
-40°C to +125°C
Shaft Style and Diameter Option



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com