Electronic Components Datasheet Search
  English  ▼

X  

286CCCDBAAB1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 286CCCDBAAB1
Description  Multi-turn Hall-Effect Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

286CCCDBAAB1 Datasheet(HTML) 1 Page - CTS Corporation

  286CCCDBAAB1 Datasheet HTML 1Page - CTS Corporation 286CCCDBAAB1 Datasheet HTML 2Page - CTS Corporation 286CCCDBAAB1 Datasheet HTML 3Page - CTS Corporation 286CCCDBAAB1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2018 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
2022-10-20 Rev. 0
Page 1 of 4
Series 286
Multi-turn Hall-Effect Position Sensor
Multi-turn: All electrical angles available up to 3600°
Non-contact Hall Effect technology
Compact 25mm diameter size
Wide temperature range (-40~125°C)
Life cycle: 10M rotations
Dust & water resistant (IP 67)
Applications
Control valve position feedback
Actuator motor position feedback
Foot pedal, twist throttle
Steering, and lift-and-shuttle
Description
Building on decades of experience in controls, the Series 286 Multi-Turn Hall-Effect Position Sensor provides solid,
reliable CTS performance, with added multi-turn capability. The 286 is designed for demanding uses in industrial,
transportation, medical and other areas and is ideal for custom applications.
Ordering Information
Code
Spec.
A
±
0.5%
B
±
0.25%
Code
Spec.
B
15mm
C
20 mm
D
25 mm
2
3/4”
3
7/8”
Series
Termination
Bushing
Shaft
Shaft
Output
Length “A” Length ”L”
Trim
Linearity
Operating
Rotation
Locating
Voltage
Angle
Lug
RRRTTT T T T
Code
Spec.
3
3/8”L x 3/8”D,
32 UNEF
C
9.2mm, M10x.75P
Code
Spec.
C
250mm length
Wires;24AWG
Other lengths, gauges,
connectors available
Code
Spec.
F
Flatted (6mm dia.)
L
Flatted (.250” dia.)
S
Slotted (6mm dia.)
D
Slotted (.250” dia.)
286
C
3
B
F
A
A
A
A
1
Code
Total Effective
A
3600°
B
1800°
Code
Spec.
A
±
0.5%
Code
Spec.
A
Analog
output, CW
B
Analog
output, CCW
Code
Spec.
A
5.0V Single output
B
5.0V Double output
c
3.3V Single output*
*Note: 3.3V version, please contact CTS for
further information.
Code
Spec.
1
Left, 7.4mm


Similar Part No. - 286CCCDBAAB1

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
286C6116FSC ZILOG-286C6116FSC Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
More results

Similar Description - 286CCCDBAAB1

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
TT Electronics.
SX-4300 TTELEC-SX-4300 Datasheet
826Kb / 4P
LH3 Torque & Multi-Turn Position Sensor
SX-4404 TTELEC-SX-4404 Datasheet
811Kb / 4P
LH3 Torque & Multi-Turn Position Sensor
SX-4472 TTELEC-SX-4472 Datasheet
764Kb / 4P
LH3 Torque & Multi-turn Position Sensor
SX-4476 TTELEC-SX-4476 Datasheet
851Kb / 4P
LH3 Torque & Multi-turn Position Sensor
SX-4487 TTELEC-SX-4487 Datasheet
809Kb / 4P
LH3 Torque & Multi-turn Position Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com