Electronic Components Datasheet Search
  English  ▼

X  

AT1731AP Datasheet(PDF) 13 Page - Aimtron Technology

Part # AT1731AP
Description  DC-DC Power IC for TFT Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1731AP Datasheet(HTML) 13 Page - Aimtron Technology

Back Button AT1731AP Datasheet HTML 9Page - Aimtron Technology AT1731AP Datasheet HTML 10Page - Aimtron Technology AT1731AP Datasheet HTML 11Page - Aimtron Technology AT1731AP Datasheet HTML 12Page - Aimtron Technology AT1731AP Datasheet HTML 13Page - Aimtron Technology AT1731AP Datasheet HTML 14Page - Aimtron Technology AT1731AP Datasheet HTML 15Page - Aimtron Technology AT1731AP Datasheet HTML 16Page - Aimtron Technology AT1731AP Datasheet HTML 17Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AT1731A
Preliminary Product Information
DC-DC Power IC for TFT Panel
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/8/2006 REV:1.1
Email: service@aimtron.com.tw
13
forces the current through the inductor to ramp back down , transferring the energy stored in
the magnetic field to the output capacitor and load. To add higher flexibility to the selection
of external component values, the device uses external loop compensation.
Negative Charge-Pump Regulator
Negative charge-pump contains internal P-channel and N-channel MOSFETs to perform the
power transfer. The internal MOSFETs switch at a constant 600kHz (0.5x fOSC). The
charge-pump inverts the supply voltage (VDDN) and provides a regulated negative output
voltage. Figure 3 shows charge-pump block diagram. During the first half-cycle, the
P-channel MOSFET turns on and flying capacitor CCPN charges to VDDN minus a diode drop.
During the second half-cycle, the P-channel MOSFET turns off, and the N-channel MOSFET
turns on, level shifting CCPN. This connects CCPN in parallel with the reservoir capacitor CNEG.
If the voltage across CNEG minus a diode drop is lower than the voltage across CCPN, charge
flows from CCPN to CNEG until the diode turns off. The amount of charge transferred to the
output is controlled by the variable N-channel on-resistance.
Positive Charge-Pump Regulator
Positive charge-pump also contains internal P-channel and N-channel MOSFETs to perform
the power transfer. The internal MOSFETs switch at a constant 600kHz (0.5x fOSC). The
charge-pump inverts the doubles supply voltage (VDDP) and provides a regulated positive
output voltage. During the first half-cycle, the N-channel MOSFET turns on and flying
capacitor CCPP charges to VDDP minus a diode drop. During the second half-cycle, the
N-channel MOSFET turns off, and the P-channel MOSFET turns on, level shifting CCPP by
VDDP volts. This connects CCPP in series with the reservoir capacitor CPOS. If the voltage
across CPOS plus a diode drop is lower than the level shifted flying capacitor voltage
(VCPP+VDDP), charge flows from CCPP to CPOS until the diode turns off. The amount of charge
transferred to the output is controlled by the variable N-channel on-resistance.
CPP
Cout
Cout
FBN
SWN
R10
REF
V
1.23V
R11
NEG
C
NEG
V
CPN
C
Switch
Block
FBP
1.23V
R4
C
R3
SWP
DDN
Vmain
V
DDP
V
POS
CPOS
V
VDDP
Driver
Driver
VPOS =(1+R3/R4)x V
REF
VREF =1.23V
V
VV
= -(R10/R11)x
NEG
=1.23V
REF
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com