Electronic Components Datasheet Search
  English  ▼

X  

AT1731AP Datasheet(PDF) 2 Page - Aimtron Technology

Part # AT1731AP
Description  DC-DC Power IC for TFT Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1731AP Datasheet(HTML) 2 Page - Aimtron Technology

  AT1731AP Datasheet HTML 1Page - Aimtron Technology AT1731AP Datasheet HTML 2Page - Aimtron Technology AT1731AP Datasheet HTML 3Page - Aimtron Technology AT1731AP Datasheet HTML 4Page - Aimtron Technology AT1731AP Datasheet HTML 5Page - Aimtron Technology AT1731AP Datasheet HTML 6Page - Aimtron Technology AT1731AP Datasheet HTML 7Page - Aimtron Technology AT1731AP Datasheet HTML 8Page - Aimtron Technology AT1731AP Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AT1731A
Preliminary Product Information
DC-DC Power IC for TFT Panel
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/8/2006 REV:1.1
Email: service@aimtron.com.tw
2
Pin Configurations
1
2
3
413
14
15
16
SHDN
Vin
FB
COMP
VDDN
9
10
11
12
LX
FBN
SWP
PGND
5
6
7
8
VDDP
REF
SCP
GND
SWN
SS
FBP
Ordering Information
Part Number
Package
Marking
AT1731AP
TSSOP-16
Date Code
AT1731AP_GRE
TSSOP-16 , Green
, Date code with one bottom line
: Date Code
*For more marking information, contact our sales representative directly
Pin Description
Pin N0.
Symbol I / O Description
1
VDDP
P
Positive Charge-Pump Driver Supply Voltage. Bypass to power ground
with 0.1uF capacitor.
2
VDDN
P
Negative Charge-Pump Driver Supply Voltage. Bypass to power
ground with 0.1uF capacitor.
3
LX
I
Main Step-up Regulator N-MOS Drain. Place output diode and
inductor.
4
Vin
P
Input voltage pin of the device .Vin may range from 2.6V to 5.5V
5
COMP
O
Compensation pin for the main step-up converter. A series RC is
connected to this pin.
6
FB
I
Main Step-Up Regulator Feedback Input. Connect a resistive divider
from main output to FB to analog ground.
7
/SHDN
I
Active-low shutdown control input. Pull SHDN low to force the
controller into shutdown. If unused, connect SHDN to Vin for normal
operation.
8
REF
O
Internal Reference Output. External load capability up to 50uA.
9
GND
P
Analog Ground.
10
SS
I
Soft-start input. The capacitor connected to this pin to sets the
current-limited start time.
11
FBP
I
Positive Charge-Pump Regulator Feedback Input. Connect a resistive
divider from the positive charge-pump output to FBP to analog
ground.
12
SCP
I
Short Circuit Protection.
13
FBN
I
Negative Charge-Pump Regulator Feedback Input. Connect a resistive
divider from the negative charge-pump output to FBN to the reference.
14
SWN
O
Negative Charge-Pump Driver Output. Output high level is VDDN and
low level is PGND.
15
SWP
O
Positive Charge-Pump Driver Output. Output high level is VDDP and
low level is PGND.
16
PGND
P
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com