Electronic Components Datasheet Search
  English  ▼

X  

LMV358A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358A
Description  LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV358A Datasheet(HTML) 2 Page - Texas Instruments

  LMV358A Datasheet HTML 1Page - Texas Instruments LMV358A Datasheet HTML 2Page - Texas Instruments LMV358A Datasheet HTML 3Page - Texas Instruments LMV358A Datasheet HTML 4Page - Texas Instruments LMV358A Datasheet HTML 5Page - Texas Instruments LMV358A Datasheet HTML 6Page - Texas Instruments LMV358A Datasheet HTML 7Page - Texas Instruments LMV358A Datasheet HTML 8Page - Texas Instruments LMV358A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information: LMV321A-Q1............................ 6
6.5 Thermal Information: LMV358A-Q1............................ 6
6.6 Thermal Information: LMV324A-Q1............................ 6
6.7 Electrical Characteristics.............................................7
6.8 Typical Characteristics................................................ 8
7 Detailed Description......................................................14
7.1 Overview................................................................... 14
7.2 Functional Block Diagram......................................... 14
7.3 Feature Description...................................................15
7.4 Device Functional Modes..........................................15
8 Application and Implementation.................................. 16
8.1 Application Information............................................. 16
8.2 Typical Application.................................................... 16
9 Power Supply Recommendations................................21
9.1 Input and ESD Protection......................................... 21
10 Layout...........................................................................22
10.1 Layout Guidelines................................................... 22
10.2 Layout Example...................................................... 22
11 Device and Documentation Support..........................23
11.1 Documentation Support.......................................... 23
11.2 Receiving Notification of Documentation Updates.. 23
11.3 Support Resources................................................. 23
11.4 Trademarks............................................................. 23
11.5 Electrostatic Discharge Caution.............................. 23
11.6 Glossary.................................................................. 23
12 Mechanical, Packaging, and Orderable
Information.................................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (January 2023) to Revision D (April 2023)
Page
• Changed the status of the DBV package from: preview to: active .................................................................... 1
Changes from Revision B (October 2021) to Revision C (January 2023)
Page
• Deleted preview note from the SC70 (5) packages in Device Information table................................................ 1
• Changed the formatting of the Pin Configuration and Functions section............................................................3
• Changed values in Thermal Information: LMV321A-Q1 table............................................................................ 6
Changes from Revision A (April 2021) to Revision B (October 2021)
Page
• Added LMV321A-Q1 GPN to the data sheet......................................................................................................1
• Added SOT-23 (5) and SC70 (5) packages in Device Information table............................................................1
• Deleted preview note from SOT-23 (14) and TSSOP (14) packages in Device Information table..................... 1
• Added LMV321A-Q1 SOT-23 (5), SC70 (5), and LMV321AU-Q1 SOT-23 (5) Packages, to Pin Configuration
and Functions section.........................................................................................................................................3
• Added Thermal Information: LMV321A-Q1 table................................................................................................6
Changes from Revision * (June 2020) to Revision A (April 2021)
Page
• Updated the numbering format for tables, figures and cross-references throughout the document.................. 1
• Deleted preview note from VSSOP (8) package in Device Information table.....................................................1
• Deleted SOT-23 (8), TSSOP (8), SOT-23 (5), and SC70 (5) packages from Device Information table............. 1
• Deleted TSSOP (8) Package, from Pin Configuration and Functions section.................................................... 3
• Added note (4) to differential input voltage in Absolute Maximum Ratings table................................................5
• Added thermal information for DGK package..................................................................................................... 6
• Added thermal information for DYY package..................................................................................................... 6
LMV321A-Q1, LMV324A-Q1, LMV358A-Q1
SLOSE67D – JUNE 2020 – REVISED APRIL 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LMV321A-Q1 LMV324A-Q1 LMV358A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com