Electronic Components Datasheet Search
  English  ▼

X  

LMV358A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358A
Description  LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV358A Datasheet(HTML) 3 Page - Texas Instruments

  LMV358A Datasheet HTML 1Page - Texas Instruments LMV358A Datasheet HTML 2Page - Texas Instruments LMV358A Datasheet HTML 3Page - Texas Instruments LMV358A Datasheet HTML 4Page - Texas Instruments LMV358A Datasheet HTML 5Page - Texas Instruments LMV358A Datasheet HTML 6Page - Texas Instruments LMV358A Datasheet HTML 7Page - Texas Instruments LMV358A Datasheet HTML 8Page - Texas Instruments LMV358A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
5 Pin Configuration and Functions
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
Figure 5-1. LMV321A-Q1 DBV Package,
5-Pin SOT-23
(Top View)
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
Figure 5-2. LMV321A-Q1 DCK, LMV321AU-Q1 DBV
Package,
5-Pin SC70, SOT-23
(Top View)
Table 5-1. Pin Functions: LMV321A-Q1
PIN
TYPE
(1)
DESCRIPTION
NAME
DBV
DCK, DBV (U)
–IN
4
3
I
Inverting input
+IN
3
1
I
Non-inverting input
OUT
1
4
O
Output
V–
2
2
—
Negative (lowest) supply or ground (for single-supply operation)
V+
5
5
—
Positive (highest) supply
(1)
I = input, O = output
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
Figure 5-3. LMV358A-Q1 D and DGK Packages,
8-Pin SOIC and VSSOP
(Top View)
Table 5-2. Pin Functions: LMV358A-Q1
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
–IN A
2
I
Inverting input, channel A
+IN A
3
I
Non-inverting input, channel A
–IN B
6
I
Inverting input, channel B
+IN B
5
I
Non-inverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V–
4
—
Negative (lowest) supply or ground (for single-supply operation)
V+
8
—
Positive (highest) supply
(1)
I = input, O = output
www.ti.com
LMV321A-Q1, LMV324A-Q1, LMV358A-Q1
SLOSE67D – JUNE 2020 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMV321A-Q1 LMV324A-Q1 LMV358A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com