Electronic Components Datasheet Search
  English  ▼

X  

7600PLUS Datasheet(PDF) 2 Page - IET Labs Inc.

Part # 7600PLUS
Description  Precision LCR Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

7600PLUS Datasheet(HTML) 2 Page - IET Labs Inc.

  7600PLUS Datasheet HTML 1Page - IET Labs Inc. 7600PLUS Datasheet HTML 2Page - IET Labs Inc. 7600PLUS Datasheet HTML 3Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
Precision LCR Meter
7600 Plus Meter
Page 2 of 3
7600 Plus Datasheet/March 2017
SPECIFICATIONS
Test frequency range:
10 Hz to 2 MHz
Test frequency resolution
10 Hz to ≤10 kHz: 0.1 Hz
>10 kHz to ≤100 kHz: 5 digits
>100 kHz: 4 digits
Accuracy: ±(0.01% + 0.10 Hz)
Ranging
Automatic, Range Hold, or user-selectable
Resolution
7 Digits
Trigger
Internal (automatic)
External (RS-232, IEEE-488.2, or Handler
Interfaces)
Manual
AC test signal voltage
<500 kHz: 20 mV to 5.0 V (open circuit) in 5
mV steps
≥500 kHz to ≤1 MHz: 20 mV to 1.0 V (open
circuit) in 5 mV steps
>1 MHz: 20 mV to 0.5 V (open circuit) in 5
mV steps
AC test signal current
250 μA to 100 mA (short circuit) in 50 μA
steps
Max Compliance 3 V < 500 kHz
25 Ω, 400 Ω, 6.4 kΩ, or 100 kΩ
measurement range dependent
DC bias voltage
Internal: 2.0 V
External: 0 to ±200 V
Display
LCD graphics with backlight and adjustable
contrast
Results format
Engineering or scientific
5 deviation from nominal
Deviation from nominal
Pass/Fail
Binning summary
No display (for maximum throughput)
Sweep result
Primary parameter vs. frequency, voltage, or
current
Graphical or tabular format
Up to 200 measurement point per sweep
AutoAcc
Automatic calculation and display of overall
instrument accuracy for selected settings,
test conditions, and device under test
Interfaces
Standard: USB host port, RS-232, Handler,
Printer port
Optional: IEEE-488.2 to RS-232 Adapter
Charged capacitor protection
Vmax ≤250 V: √(8/C)
Vmax ≤1000 V: √(2/C)
C = capacitance in farads of device under
test
Measurement delay
Programmable from 0 - 1000 ms in 1 ms
steps
Averaging
Programmable from 1 - 1000
Median value mode available
Data storage
USB host port 1.1 complaint, CSV format
Program storage
Internal memory
USB host port
ASCII format
Calibration
Built-in automatic calibration procedure
IET offers complete, SI traceable calibration
using the 7000-09 cal kit
Recommended calibration interval: 1 year
Usage and calibration data
Displays last calibration date, standard
values used in calibration, and number of
hours of operation
Contact check
Time to detect, 2 ms
Connection terminals
Four bnc connectors located on the front
panel
Mechanical
Dimensions: 41 cm W x 15 cm H x 36 cm D
(16" x 6" x 14")
Weight: 8 kg (17 lbs)
Environmental Conditions
Operating temperature: 0 to 50°C, <75% RH
for 11°C to 30°C
Storage temperature: -10 to 60°C
Altitude: <2000 m
Power
90 to 250 Vac
47 - 63 Hz
100 W max
Safety
IEC61010-1: 2001
CAT 1, pollution degree 2
EMC
89/336/EEC, 92/31EEC, 93/68/EEC
Environmental:
This product complies with the WEEE
Directive (2002/96/EC) marking
requirements. The affixed label indicates that
you must not discard this electrical/electronic
product in domestic household waste.
Product Category: With reference to the
equipment types in the WEEE Directive
Annex I, this product is classed as a
“Monitoring and Control instrumentation”
product.
Measurement accuracy
Parameter
Measurement/Display
Range
Basic Accuracy
Low
Medium
High
Ls, Lp
000.001 nH to 99.999 99 H
±0.5%
±0.25%
±0.05%
Cs, Cp
00,000.01 fF to 9.999 999 F
±0.5%
±0.25%
±0.05%
│Z│, Rs, Rp, ESR, Xs 000.000 1 Ω to 99.999 99 MΩ
±0.5%
±0.25%
±0.05%
Q
0.000 001 to 999,999.9
±0.005
±0.0025
±0.0005
D
0.000 001 to 99,999
±0.005
±0.0025
±0.0005
Θ
-180.000 0° to +179.999 9°
±1.8°
±0.9°
±0.18°
│Y│, Gp, Bp
00,000.01 μS to 9.999 99 MS
±0.5%
±0.25%
±0.05%
Basic Accuracy is based upon ideal frequency and impedance. For more detailed accuracy information, see 7600+
instruction manual
Any two of the 14 parameters can be measured and displayed simultaneously (user-selectable)
Measurement speed
Speed
Accuracy Setting
Fast Accuracy
120 meas/sec
Medium Accuracy 16 meas/sec - 8 meas/
sec below 150 kHz
Slow Accuracy
2 meas/sec - 1 meas/
sec below 150 kHz
The speed may be slower depending on test conditions and
frequency settings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com