Electronic Components Datasheet Search
  English  ▼

X  

7600PLUS Datasheet(PDF) 1 Page - IET Labs Inc.

Part # 7600PLUS
Description  Precision LCR Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

7600PLUS Datasheet(HTML) 1 Page - IET Labs Inc.

  7600PLUS Datasheet HTML 1Page - IET Labs Inc. 7600PLUS Datasheet HTML 2Page - IET Labs Inc. 7600PLUS Datasheet HTML 3Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
Precision LCR Meter
7600 Plus Meter
Page 1 of 3
7600 Plus Datasheet/March 2017
7600 Plus Precision LCR Meter
The 7600 Plus LCR meter performs
precision impedance measurement
over a frequency range of 10 Hz to
2 MHz. This instrument can mea-
sure 14 different impedance pa-
rameters with 0.05% accuracy,
meeting today’s requirements for
component and material testing.
User-friendly menu-driven pro-
gramming makes the 7600 Plus
ideal for applications in product de-
velopment, incoming inspections,
and production-line testing.
Features:
• Frequency range: 10 Hz to 2 MHz
• 0.05% basic measurement accuracy
• 7-digit measurement resolution
• Programmable test voltage and
current
• Auto ranging
• Test setup and measurement data
storage
• Four bnc terminal Kelvin connection
• Standard interfaces: USB host port,
RS-232, Handler, Parallel printer port
• Optional interface: IEEE-488.2
• Graphical and tabular display of
measurements: swept frequency,
voltage, and current
• Sequence testing of up to 6 individual
tests
• Load correction
• Binning (15)
• Built-in auto-calibration routine
14 Different Impedance Parameters
Measure and display any two parameters
simultaneously to achieve coverage and
flexibility.
Automated Test Sequencing
Run up to six different tests in sequence with
a single push of the start button. Each test
can have different conditions and limits.
Swept Measurements
To test how components respond to changes
in ac test frequency, voltage, or current, the
7600 Plus meter offers fast, accurate swept
parameter measurements with results in
graphical and tabular format. No complex
programming or external control is required.
Program and Data Storage
Test setups can be stored and recalled from
either internal memory or from a standard
USB flash drive.
Measurement data can be stored on a USB
flash drive in CSV format.
Load Correction
Substantially improves instrument
accuracy by measuring a known standard
and applying correction to subsequent
measurements. This is ideal for repetitive
testing of identical devices under similar
conditions.
Automated Calibration Procedure
The 7600 Plus has a built-in calibration
procedure, which can be performed using
the SI traceable calibration kit (7000-09).
The results and the date of the calibration
are stored internally.
Ease of Use
To ensure that the 7600 Plus is easy to
operate, the unit offers a large LCD display
and a user-friendly, menu-driven interface.
7600 Plus Rear Connectors


Similar Part No. - 7600PLUS

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7600 BITECH-7600 Datasheet
63Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7600 ETC2-7600 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
TT Electronics.
7600 TTELEC-7600 Datasheet
905Kb / 4P
Multi-Turn Precision Potentiometer
04/2019
logo
Keystone Electronics Co...
7600 KEYSTONE-7600 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
logo
3M Electronics
7600-3G 3M-7600-3G Datasheet
371Kb / 15P
3M™ Cold Shrink QT-III Silicone Rubber Three-Conductor Cable Termination Kits
Rev D
More results

Similar Description - 7600PLUS

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4980A HP-E4980A Datasheet
602Kb / 36P
Precision LCR Meter
logo
Keysight Technologies
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-002 KEYSIGHT-4285A-002 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-301 KEYSIGHT-4285A-301 Datasheet
1Mb / 21P
Precision LCR Meter
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
Precision LCR Meter
E4980A-301 KEYSIGHT-E4980A-301 Datasheet
1Mb / 38P
Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
Precision LCR Meter
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
Precision LCR Meter
February 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com