Electronic Components Datasheet Search
  English  ▼

X  

TCF Datasheet(PDF) 5 Page - Exxelia Group

Part # TCF
Description  High Voltage Conformal Coated Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCF Datasheet(HTML) 5 Page - Exxelia Group

  TCF Datasheet HTML 1Page - Exxelia Group TCF Datasheet HTML 2Page - Exxelia Group TCF Datasheet HTML 3Page - Exxelia Group TCF Datasheet HTML 4Page - Exxelia Group TCF Datasheet HTML 5Page - Exxelia Group TCF Datasheet HTML 6Page - Exxelia Group TCF Datasheet HTML 7Page - Exxelia Group TCF Datasheet HTML 8Page - Exxelia Group TCF Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CERAMIC CAPACITORS
47
www.exxelia.com
General characteristics
Page revised 02/21
X7R DIELECTRICS (CLASS 2)
They are mainly made of barium titanate modified by various oxides to achieve
the electrical properties required. A specific ceramic dielectric is used to
achieve an excellent dielectric strength. High dielectric constant enables to
achieve high capacitance values.
For optimum use, the specific properties of barium titanate in function of the
different parameters must be taken into account.
See the variations illustrated in figures below:
–20
–10
–40
–30
+30
+20
+10
0
–55–40
02085125
155
(°C)
∆C/C (%)
1102
10
103
55
22
2
55
–10
0
+ 5
–5
N (kHz)
∆C/C (%)
–80
0
20
40
60
80
100
–60
–40
–20
0
∆C/C (%)
Percentage of rated voltage (%)
Standard range
Extended range
General Information
X7R: CAPACITANCE CHANGE VS TEMPERATURE
X7R: CAPACITANCE CHANGE VS FREQUENCY
CHANGE VS PERCENTAGE OF RATED VOLTAGE APPLIED
1
103
5
2
102
5
2
10
5
2
–55–40
02085125
155
IR (G )
(°C)
X7R: INSULATION RESISTANCE VS TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com