Electronic Components Datasheet Search
  English  ▼

X  

TCF Datasheet(PDF) 6 Page - Exxelia Group

Part # TCF
Description  High Voltage Conformal Coated Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCF Datasheet(HTML) 6 Page - Exxelia Group

Back Button TCF Datasheet HTML 2Page - Exxelia Group TCF Datasheet HTML 3Page - Exxelia Group TCF Datasheet HTML 4Page - Exxelia Group TCF Datasheet HTML 5Page - Exxelia Group TCF Datasheet HTML 6Page - Exxelia Group TCF Datasheet HTML 7Page - Exxelia Group TCF Datasheet HTML 8Page - Exxelia Group TCF Datasheet HTML 9Page - Exxelia Group TCF Datasheet HTML 10Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CERAMIC CAPACITORS
48
www.exxelia.com
Taping : dimensions
Page revised 02/21
1
2
5
10
20
50
100
200
500
–55–40
0
20
85
125155
Tg d (x10–4)
V
(°C)
10
20
50
100
200
500
1102
10
103
55
22
2
55
N (kHz)
Tg d (x10–4)
X7R: LOSS TANGENT CHANGE VS TEMPERATURE
X7R: LOSS TANGENT CHANGE VS FREQUENCY
These typical curves are examples of admissible currents for one family of chip
capacitors (size 3333). For other curves and products or for further informa-
tion, please contact us.
Note: for the calculations, we have considered that the terminations are directly connected to an in-
finite heat sink. In other words, the thermal resistance of the circuit itself which depends on its type
and design has not been taken into account. Moreover, the ambient temperature taken is 25°C.
The ESR (Equivalent Serial Resistance) typical curves are given, here for SMD
(chip) capacitors. Regarding the curves for the leaded capacitors, they are rath-
er the same. Indeed, due to the resistivity of the raw material used and the wire
diameters, the resistance of the wires is much lower than the ESR of the chips.
So, in a first approach, their influence can be considered as negligible.
0.01
0.01
0.1
1
10
100
0.1
1
10
100
I
RMS (A)
Frequency (MHz)
10nF
3.3nF
1nF
10nF
0.1nF
33nF
0.01
0.01
0.1
1
10
100
10
1
0.1
100
1000
10000
ESR ( )
Frequency (MHz)
0.33nF
1nF
3.3nF
10nF
33nF
0.1nF
X7R: MAXIMUM ADMISSIBLE CURRENT VS FREQUENCY
X7R: ESR VS FREQUENCY
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com