Electronic Components Datasheet Search
  English  ▼

X  

HARS Datasheet(PDF) 2 Page - IET Labs Inc.

Part # HARS
Description  High Accuracy Decade Resistance Substituter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

HARS Datasheet(HTML) 2 Page - IET Labs Inc.

  HARS Datasheet HTML 1Page - IET Labs Inc. HARS Datasheet HTML 2Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
HARS-X Series
Page 2 of 2
High Accuracy Decade
Resistance Substituter
HARS-X Catalog Pages/Feb. 2021
Single-Decade HARS-X Unit
SINGLE DECADE UNITS
ORDERING INFORMATION
Single-decade units are available with resis-
tance from as low as 1 mΩ per step to as high
as 10 MΩ per step. These units satisfy many
system applications requiring only a single de-
cade while maintaining all the quality features
of the HARS series.
Each decade is enclosed in an aluminum case
which can serve as a shield.
It may be panel-mounted and combined with
additional units to form potentiometer circuits
or other configurations.
Each unit consists of low-inductance resistors
in series, with a high performance solid silver
alloy contact switch.
* Use "X2" for higher power model
Options:
-RM: Rack mountable front panel for standard 19" rack
-K: Kelvin-type 4-terminal binding posts + GND
(for reduced zero resistance)
not available for 1 decade housing
-RO: Rear output
Model*
Total resistance
Number of
decades
Resolution
HARS-X-1-0.001
0.01 W
1
0.001 W
HARS-X-1-0.01
0.1 W
1
0.01 W
HARS-X-1-0.1
1 W
1
0.1 W
HARS-X-1-1
10 W
1
1 W
HARS-X-1-10
100 W
1
10 W
HARS-X-1-100
1 kW
1
100 W
HARS-X-1-1k
10 kW
1
1 kW
HARS-X-1-10k
100 kW
1
10 kW
HARS-X-1-100k
1 MW
1
100 kW
HARS-X-1-1M
10 MW
1
1 MW
HARS-X-1-10M
100 MW
1
10 MW
HARS-X-2-0.001
0.11 W
2
0.001 W
HARS-X-2-0.01
1.1 W
2
0.01 W
HARS-X-2-0.1
11 W
2
0.1 W
HARS-X-2-1
110 W
2
1 W
HARS-X-2-10
1.1 kW
2
10 W
HARS-X-2-100
11 kW
2
100 W
HARS-X-2-1k
110 kW
2
1 kW
HARS-X-2-10k
1.1 MW
2
10 kW
HARS-X-2-100k
11 MW
2
100 kW
HARS-X-2-1M
110 MW
2
1 MW
HARS-X-3-0.001
1.11 W
3
0.001 W
HARS-X-3-0.01
11.1 W
3
0.01 W
HARS-X-3-0.1
111 W
3
0.1 W
HARS-X-3-1
1.11 kW
3
1 W
HARS-X-3-10
11.1 kW
3
10 W
HARS-X-3-100
111 kW
3
100 W
HARS-X-3-1k
1.11 MW
3
1 kW
HARS-X-3-10k
11.1 MW
3
10 kW
HARS-X-3-100k
111 MW
3
100 kW
HARS-X-4-0.001
11.11 W
4
0.001 W
HARS-X-4-0.01
111.1 W
4
0.01 W
HARS-X-4-0.1
1.111 kW
4
0.1 W
HARS-X-4-1
11.11 k W
4
1 W
HARS-X-4-10
111.1 k W
4
10 W
HARS-X-4-100
1.111 MW
4
100 W
HARS-X-4-1k
11.11 MW
4
1 kW
HARS-X-4-10k
111.1 MW
4
10 kW
Model*
Total resistance
Number of
decades
Resolution
HARS-X-5-0.001
111.11 W
5
0.001 W
HARS-X-5-0.01
1.1111 kW
5
0.01 W
HARS-X-5-0.1
11.111 kW
5
0.1 W
HARS-X-5-1
111.11 kW
5
1 W
HARS-X-5-10
1.1111 M W
5
10 W
HARS-X-5-100
11.111 MW
5
100 W
HARS-X-5-1k
111.11 MW
5
1 kW
HARS-X-6-0.001
1.111 11 kW
6
0.001 W
HARS-X-6-0.01
11.1111 kW
6
0.01 W
HARS-X-6-0.1
111.111 kW
6
0.1 W
HARS-X-6-1
1.111 11 MW
6
1 W
HARS-X-6-10
11.1111 MW
6
10 W
HARS-X-6-100
111.111 MW
6
100 W
HARS-X-7-0.001
11.111 11 kW
7
0.001 W
HARS-X-7-0.01
111.1111 k W
7
0.01 W
HARS-X-7-0.1
1.111 111 MW
7
0.1 W
HARS-X-7-1
11.111 11 MW
7
1 W
HARS-X-7-10
111.1111 MW
7
10 W
HARS-X-8-0.001
111.111 11 kW
8
0.001 W
HARS-X-8-0.01
1.111 111 1 MW
8
0.01 W
HARS-X-8-0.1
11.111 111 MW
8
0.1 W
HARS-X-8-1
111.111 11 MW
8
1 W
HARS-X-9-0.001
1.111 111 11 MW
9
0.001 W
HARS-X-9-0.01
11.111 111 1 MW
9
0.01 W
HARS-X-9-0.1
111.111 111 MW
9
0.1 W
HARS-X-10-0.001
11.111 111 11 MW
10
0.001 W
HARS-X-10-0.01
111.111 111 1 MW
10
0.01 W
HARS-X-11-0.001
111.111 111 11 MW
11
0.001 W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com