Electronic Components Datasheet Search
  English  ▼

X  

HARS Datasheet(PDF) 1 Page - IET Labs Inc.

Part # HARS
Description  High Accuracy Decade Resistance Substituter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

HARS Datasheet(HTML) 1 Page - IET Labs Inc.

  HARS Datasheet HTML 1Page - IET Labs Inc. HARS Datasheet HTML 2Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
HARS-X Series
Page 1 of 2
High Accuracy Decade
Resistance Substituter
HARS-X Catalog Pages/Feb. 2021
Accuracy:
≤1 MΩ decades: ±(0.01% + 2 mΩ)
10 MΩ decades: ±0.03%
after subtraction of zero resistance, at 23°C;
traceable to SI
Zero resistance:
≤1 MΩ decades: <1 mΩ per decade at dc
10 MΩ decade: ≈3 mΩ at dc
Max voltage to case:
2000 V peak
Environmental conditions:
Operating: 10°C to 40°C; <80% RH
Storage: -40°C to 70°C
Switches:
Continuous rotation
11 positions marked "0"-"10"
Multiple solid silver-alloy contacts
Tight-tolerance, laboratory-grade decade
subs•tuters, for applica•ons requiring a
cost-effec•ve, high-performance resis-
tance decade box.
SPECIFICATIONS
6 Decade HARS-X High Accuracy Resistance Substituter
Resistance
per step
Total
decade
resistance
Stability
(±ppm/yr)
Long-term
stability
(±ppm/3 yrs)
Temperature
coefficient
(±ppm/°C)
Resistor type
HARS-X
HARS-X2
Max
current
Max
voltage
(per step)
Max power
(per step)
Max
current
Max
voltage
(per step)
Max power
(per step)
1 mW
10 mW
50
75
50
Resistance wire
8.0 A
5 mV
0.04 W
9.0 A
9 mV
0.08 W
10 mW
100 mW
50
75
20
4.0 A
40 mV
0.16 W
6.3 A
63 mV
0.4 W
100 mW
1 W
50
75
20
1.6 A
0.16 V
0.25 W
2.2 A
0.3 V
0.5 W
1 W
10 W
20
25
20
Wirewound, non-
inductive
0.8 A
0.8 V
0.6 W
1.1 A
1.1 V
1.2 W
10 W
100 W
20
25
15
0.25 A
2.5 V
0.6 W
0.35 A
3.5 V
1.2 W
100 W
1 kW
20
25
5
80 mA
8 V
0.6 W
110 mA
11 V
1.2 W
1 kW
10 kW
20
25
5
23 mA
23 V
0.5 W
35 mA
35 V
1.2 W
10 kW
100 kW
20
25
5
7 mA
70 V
0.5 W
11 mA
110 V
1.2 W
100 kW
1 MW
20
25
5
2.3 mA*
230 V*
0.5 W*
3 mA*
500 V*
1 W*
1 MW
10 MW
20
25
5
0.7 mA*
700 V*
0.5 W*
1 mA*
1000 V*
1 W*
10 MW
100 MW
50
100
10
Metal oxide film
0.1 mA*
1000 V*
0.1 W*
0.1 mA*
1000 V*
0.1 W*
*Subject to maximum of 2000 V to case
Mechanical:
Model
Dimensions
Weight
1 decade
(9.5 cm W x 8.3 cm H x 11.0 cm D)
3.75" x 3.25" x 4.33"
0.45 kg 1 lb
2-3 decade
(31 cm W x 8.9 cm H x 10.2 cm D)
12.2" x 3.5" x 4"
1.7 kg 3.8 lb
4-5 decade
(37.6 cm W x 8.9 cm H x 10.2 cm D)
14.8" x 3.5" x 4"
2.0 kg 4.3 lb
6-7 decades
(43.9 cm W x 8.9 cm H x 10.2 cm D)
17.3" x 3.5" x 4"
2.4 kg 5.3 lb
8-9 decades
(48.3 cm W x 17.8 cm H x 17.8 cm D)
19" x 7" x 7"
3.5 kg 7.7 lb
10-11 decades
3.7 kg 8.1 lb
Features:
• Resistance from 1 mΩ to 111 MΩ
• Available in double-power version: HARS-X2
• Wide choice: single through 11 decade units
• High-accuracy: 0.01% (100 ppm)
• Very low zero-resistance: <1 mΩ per decade
• High-performance solid silver-alloy switches
• Low temperature coefficient: 5 ppm/°C
• Non-induc•ve or low-inductance resistors
• Rack moun•ng available
• Special and custom configura•ons available
See also:
• Higher accuracy: HARS-LX Series
• Higher power: HPRS Series
• Higher resistance: HRRS Series
• Higher voltage: HRRS-5kV and HRRS-10kV Series
• RTD simulators: RTD Series -- without zero subtrac•on
• Programmable models: PRS Series
Ne
w
Switch capacitance:
<1 pF between contacts
Terminals:
3 terminals, High, Low, and
GND via gold-plated, 5-way,
tellurium-copper binding
posts with low thermal emf
and low resistance.
-K option with 5 terminals
for Kelvin connection is
available as an option to
reduce zero resistance.
-K option is not available for
1 decade housing.
-RO Rear outputs are
available as an option.


Similar Part No. - HARS

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS-LX-1-0.001 IET-HARS-LX-1-0.001 Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS-LX-1-0.01 IET-HARS-LX-1-0.01 Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS-LX-1-0.1 IET-HARS-LX-1-0.1 Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS-LX-1-1 IET-HARS-LX-1-1 Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
More results

Similar Description - HARS

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
HACS-Z IET-HACS-Z Datasheet
353Kb / 4P
High Accuracy Capacitance Substituter
8-20-2015
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
PRS-370 IET-PRS-370 Datasheet
580Kb / 4P
Self-Adjusting Programmable Resistance Decade Substituter
March 2020
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
SRR IET-SRR Datasheet
99Kb / 1P
High Accuracy Standard Resistance
October 9 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com