Electronic Components Datasheet Search
  English  ▼

X  

HPRS Datasheet(PDF) 2 Page - IET Labs Inc.

Part # HPRS
Description  High Power Decade Resistance Substituter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

HPRS Datasheet(HTML) 2 Page - IET Labs Inc.

  HPRS Datasheet HTML 1Page - IET Labs Inc. HPRS Datasheet HTML 2Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Long Island, NY 11590
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
High Power Decade
Resistance Substituter
HPRS Series
Page 2 of 2
HPRS Catalog Pages Sept. 2018
ORDERING INFORMATION
Model*
(1.0% accuracy shown)
Total
resistance
(W)
No of
Dials
Resolution
(W)
HPRS-F-3-0.001
0.999
3
0.001
HPRS-F-3-0.01
9.99
3
0.01
HPRS-F-3-0.1
99.9
3
0.1
HPRS-F-3-1
999
3
1
HPRS-F-3-10
9.99 k
3
10
HPRS-F-3-100
99.9 k
3
100
HPRS-F-3-1K
999 k
3
1 k
HPRS-F-3-10K
9.99 M
3
10 k
HPRS-F-4-0.001
9.999
4
0.001
HPRS-F-4-0.01
99.99
4
0.01
HPRS-F-4-0.1
999.9
4
0.1
HPRS-F-4-1
9.999 k
4
1
HPRS-F-4-10
99.99 k
4
10
HPRS-F-4-100
999.9 k
4
100
HPRS-F-4-1K
9.999 M
4
1 k
HPRS-F-5-0.001
99.999
5
0.001
HPRS-F-5-0.01
999.99
5
0.01
HPRS-F-5-0.1
9.999 9 k
5
0.1
HPRS-F-5-1
99.999 k
5
1
HPRS-F-5-10
999.99 k
5
10
HPRS-F-5-100
9.999 9 M
5
100
Model*
(1.0% accuracy shown)
Total
resistance
(W)
No of
Dials
Resolution
(W)
HPRS-F-6-0.001
999.999
6
0.001
HPRS-F-6-0.01
9.999 99 k
6
0.01
HPRS-F-6-0.1
99.999 9 k
6
0.1
HPRS-F-6-1
(HPRS-150)
999.999 k
6
1
HPRS-F-6-10
9.999 99 M
6
10
HPRS-F-7-0.001
9.999 999 k
7
0.001
HPRS-F-7-0.01
(HPRS-200)
99.999 99 k
7
0.01
HPRS-F-7-0.1
999.999 9 k
7
0.1
HPRS-F-7-1
9.999 999 M
7
1
HPRS-F-0.001
99.999 999 k
8
0.001
HPRS-F-8-0.01
999.999 99 k
8
0.01
HPRS-F-8-0.1
(HPRS-200W)
9.999 999 9 M
8
0.1
* For 0.5% accuracy, substitute "C" for "F" in part number
Options:
-RM for rack mountable version
HPRS-600W: One of the various HPRS custom
configurations to suit particular applications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com