Electronic Components Datasheet Search
  English  ▼

X  

HPRS Datasheet(PDF) 1 Page - IET Labs Inc.

Part # HPRS
Description  High Power Decade Resistance Substituter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

HPRS Datasheet(HTML) 1 Page - IET Labs Inc.

  HPRS Datasheet HTML 1Page - IET Labs Inc. HPRS Datasheet HTML 2Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Long Island, NY 11590
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
High Power Decade
Resistance Substituter
HPRS Series
Page 1 of 2
HPRS Catalog Pages Sept. 2018
Accuracy:
after subtraction of zero resistance, at 23°C; traceable to SI
Option F: ±(1% + 20 mΩ)
Option C: ±(0.5% + 20 mΩ)
Zero Resistance:
<5 mΩ per decade
Terminals:
Two five-way binding posts and one ground post electrically
connected to case.
Dimensions:
43.9 cm W x 8.9 cm H x 10.2 cm D (17.3" W x 3.5" H x 4" D)
Weight:
2.4 kg (5.3 lbs), nominal
Economical, high-performance, high-
power resistance for all laboratory,
test, and calibra•on needs.
SPECIFICATIONS
7 Decade HPRS High Power Decade Resistance Substituter
Resistance
per step
Total
decade
resistance
Max
current*
Max power
per step*
(W)
Temperature
coefficient
(ppm/°C)
Resistor
Type
1 mW
0.009 W
8 A
0.036
±50
Resistance
Wire
10 mW
0.09 W
6 A
0.36
±50
100 mW
0.9 W
6 A
3.6
±20
1 W
9 W
5 A
25
-20 to +80
Power
Film
10 W
90 W
1.5 A
25
-20 to +80
100 W
900 W
0.5 A
25
-20 to +80
1 kW
9 kW
150 mA†
25†
-20 to +80
10 kW
90 kW
50 mA†
25†
-20 to +80
100 kW
900 kW
V limit†
V limit†
-20 to +80
Wirewound/
metal film
1 MW
9 MW
V limit†
V limit†
±50
Wirewound/film
*Subject to maximum of 250 W max. per unit
†Subject to 1000 V (dc+ac) peak max
Features:
• Resistance from 1 mΩ to 10 MΩ
• Wide choice: 3 to 9 decade units
• Accuracy: 0.5% or 1%
• Power Ra•ng : 225 W/decade,
250 W max. or higher
• Rack moun•ng available
• Special and custom configura•ons
available
See also:
• More economical: RS Series
• Higher accuracy: HARS-X or HARS-LX Series
• Higher resistance: HRRS Series
• Higher voltage: HRRS-5kV and HRRS-10kV Series
• RTD simulators: RTD Series -- without zero subtrac•on
• Programmable models: PRS Series
HPRS - 30 ampere unit
HPRS custom in a non-metallic housing


Similar Part No. - HPRS

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
HPRS-HIPOT-LOAD IET-HPRS-HIPOT-LOAD Datasheet
95Kb / 1P
High Power Resistive Load
Nov. 2013
More results

Similar Description - HPRS

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
logo
Analog Technologies, In...
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS IET-HARS Datasheet
309Kb / 2P
High Accuracy Decade Resistance Substituter
Feb. 2021
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
PRS-370 IET-PRS-370 Datasheet
580Kb / 4P
Self-Adjusting Programmable Resistance Decade Substituter
March 2020
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com