Electronic Components Datasheet Search
  English  ▼

X  

48397 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 48397
Description  USB 3.0 Connectors and Cable Assemblies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

48397 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  48397 Datasheet HTML 1Page - Molex Electronics Ltd. 48397 Datasheet HTML 2Page - Molex Electronics Ltd. 48397 Datasheet HTML 3Page - Molex Electronics Ltd. 48397 Datasheet HTML 4Page - Molex Electronics Ltd. 48397 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Reference Information
Packaging:
Refer to Ordering Information Table
Mates With:
USB 3.0 Cable Assemblies
Designed In: Millimeters
RoHS: Yes
Halogen Free: Yes
Glow Wire Compliant: No
Electrical
Voltage (max.): 30V DC/AC
Current:
1.8A max. for VBUS and GND
(Pin 1 and 4 for standard type)
0.25A min. for all other contacts
Low Level Contact Resistance (max.):
30 milliohms for VBUS and
GND contacts:
50 milliohms for all other contacts
Dielectric Withstanding Voltage (min.):
100VAC (RMS)
Insulation Resistance (min.):
100 megohms
*C/H – the abbreviated form for “Contact Height” refers to the distance from soldering plane to mating plane of a mated cable-connector combination.
**H – the abbreviated form for “Height” as used in the chart refers to the distance from top of connector shell (without flange) to PCB.
Specifications – USB 3.0 Connector Family
USB 3.0 Connector Family
On-board, Type A Receptacle
Mid-mount, Type A Receptacle
Top-mount
Reverse-mount
Upright
Vertical
Reverse-mount
48391
(C/H*: 6.09mm)
48405
(C/H: 4.07mm)
48392
(C/H: 4.06mm)
48404
(H*: 13.85mm)
48408
(H: 15.00mm)
48394
(C/H: 0.36mm)
48397
(C/H: 1.75mm)
48393
(C/H: 4.00mm)
48406
(H: 15.50mm)
48409
(H: 14.88mm)
48395
(C/H: 1.00mm)
48398
(C/H: 2.04mm)
USB 3.0 Connectors in a variety of mounting styles and mating orientations
Mechanical
Insertion Force (max.): 35N
Extraction Force (min.):
10N (initial); 8N (final)
Durability (min.):
5,000 (High Durability Class)
Physical
Housing:
Nylon 9T, UL94V-0, Blue
(Series 48391, 48392, 48393,
48394, 48395, 48397, 48398)
Nylon 9T, UL94-HB, Blue
(Series 48404, 48405, 48406,
48408, 48409)
Contact: Copper Alloy
Shell: Stainless Steel
Plating:
Contact Area —
Refer to Ordering Information Table
Solder Tail Area —
Matt Tin (Sn) over Nickel (Ni)
Underplating —
Nickel (Ni) overall
Shell: Nickel (Ni) overall
Recommended PCB Thickness: 1.20mm
Operating Temperature: -20 to +85°C
USB 3.0
Connectors and
Cable Assemblies



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com