Electronic Components Datasheet Search
  English  ▼

X  

48397 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 48397
Description  USB 3.0 Connectors and Cable Assemblies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

48397 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  48397 Datasheet HTML 1Page - Molex Electronics Ltd. 48397 Datasheet HTML 2Page - Molex Electronics Ltd. 48397 Datasheet HTML 3Page - Molex Electronics Ltd. 48397 Datasheet HTML 4Page - Molex Electronics Ltd. 48397 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USB 3.0
Connectors and
Cable Assemblies
Attribute
Product and Technical Differences
USB 2.0 ‘Type A’ Connectors
USB 3.0 ‘Type A’ Connectors
Data Rates
High-Speed: 480 Mbps
SuperSpeed: 5.0 Gbps (10 times faster than USB 2.0)
Circuits
4
9
Current Rating (V Bus and Ground)
1.5A
1.8A
Housing Color
Black, Gray or Natural
Blue (Pantone 300C)
Mating Depth with Reference to Datum A
8.88 +/-0.20mm
10.15mm (min.)
Durability Cycles
1,500
1,500 (Standard); 5,000 (High Durability Class)
Mating Force
35N Max
Unmating Force (Initial)
10N Min
10N Min
Unmating Force (Final)
8N Min
Backward Compatibility
USB 1.1
USB 2.0 and 1.1
Product Image
Unique and Useful Differentiation vs. Similar Molex Product
(Remark: Specifications below apply to connectors on cable end)
Car Infotainment and Navigation Systems
Small Office / Home Office (SOHO)
Fitness Equipment
Applications
Data/Computing
– High-end Computing
– Personal Computers
– Hard/Optical Disk Drives
Consumer/Home Appliance
– Fitness
– Home Appliances
– Home Entertainment
– Home Office
– Home Security
Automotive
– Comfort, Infotainment and
Driver Assist



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com