Electronic Components Datasheet Search
  English  ▼

X  

70T6331S Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 70T6331S
Description  HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70T6331S Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 70T6331S Datasheet HTML 9Page - Renesas Technology Corp 70T6331S Datasheet HTML 10Page - Renesas Technology Corp 70T6331S Datasheet HTML 11Page - Renesas Technology Corp 70T6331S Datasheet HTML 12Page - Renesas Technology Corp 70T6331S Datasheet HTML 13Page - Renesas Technology Corp 70T6331S Datasheet HTML 14Page - Renesas Technology Corp 70T6331S Datasheet HTML 15Page - Renesas Technology Corp 70T6331S Datasheet HTML 16Page - Renesas Technology Corp 70T6331S Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
70T633/1S
High-Speed 2.5V 512/256K x 18 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
RapidWrite Mode Write Cycle
Unlike other vendors' Asynchronous Random Access Memories,
the IDT70T633/1 is capable of performing multiple back-to-back write
operations without having to pulse the R/W, CE, or BEn signals high
duringaddresstransitions. ThisRapidWriteModefunctionalityallowsthe
systemdesignertoachieveoptimumback-to-backwritecycleperformance
without the difficult task of generating narrow reset pulses every cycle,
simplifyingsystemdesignandreducingtimetomarket.
DuringthisnewRapidWriteMode,theendofthewritecycleisnow
definedbytheendingaddresstransition,insteadoftheR/WorCEorBEn
transition to the inactive state. R/W, CE, and BEn can be held active
throughout the address transition between write cycles.
CaremustbetakentostillmeettheWriteCycletime(tWC),thetimein
whichtheAddressinputsmustbestable. Inputdatasetupandholdtimes
(tDWandtDH)willnowbereferencedtotheendingaddresstransition. In
thisRapidWriteMode theI/OwillremainintheInputmodefortheduration
of the operations due to R/W being held low. All standard Write Cycle
specifications must be adhered to. However, tAS and tWR are only
applicable when switching between read and write operations. Also,
therearetwoadditionalconditionsontheAddressInputsthatmustalso
bemettoensurecorrectaddresscontrolled writes. Thesespecifications,
theAllowableAddressSkew(tAAS)andtheAddressRise/Falltime(tARF),
mustbemettousetheRapidWriteMode. Iftheseconditionsarenotmet
thereisthepotentialforinadvertentwriteoperationsatrandomintermediate
locationsasthedevicetransitionsbetweenthedesiredwriteaddresses.
5670 drw 08
tWC
tWC
tWC
tEW
tWP
tWZ
tDH
tDW
tDW
tDW
tOW
tWR
ADDRESS
CE or SEM(6)
BEn
R/
W
DATAIN
DATAOUT
(2)
(5)
(5)
tDH
tDH
(4)
Timing Waveform of Write Cycle No. 3, RapidWrite Mode Write Cycle(1,3)
NOTES:
1. OE = VIL for this timing waveform as shown. OE may equal VIH with same write functionality; I/O would then always be in High-Z state.
2. A write occurs during the overlap (tEW or tWP) of a CE = VIL, BEn = VIL, and a R/W = VIL for memory array writing cycle. The last transition LOW of CE, BEn, and
R/W initiates the write sequence. The first transition HIGH of CE, BEn, and R/W terminates the write sequence.
3. If the CE or SEM = VIL transition occurs simultaneously with or after the R/W = VIL transition, the outputs remain in the High-impedance state.
4. The timing represented in this cycle can be repeated multiple times to execute sequential RapidWrite Mode writes.
5. This parameter is guaranteed by device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test Load
(Figure 1).
6. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. tEW must be met for either condition. CE = VIL when CE0 = VIL
and CE1 = VIH. CE = VIH when CE0 = VIH and/or CE1 = VIL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com