Electronic Components Datasheet Search
  English  ▼

X  

70T6331S Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 70T6331S
Description  HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70T6331S Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 70T6331S Datasheet HTML 17Page - Renesas Technology Corp 70T6331S Datasheet HTML 18Page - Renesas Technology Corp 70T6331S Datasheet HTML 19Page - Renesas Technology Corp 70T6331S Datasheet HTML 20Page - Renesas Technology Corp 70T6331S Datasheet HTML 21Page - Renesas Technology Corp 70T6331S Datasheet HTML 22Page - Renesas Technology Corp 70T6331S Datasheet HTML 23Page - Renesas Technology Corp 70T6331S Datasheet HTML 24Page - Renesas Technology Corp 70T6331S Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
70T633/1S
High-Speed 2.5V 512/256K x 18 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Busy Logic
BusyLogicprovidesahardwareindicationthatbothportsoftheRAM
haveaccessedthesamelocationatthesametime.Italsoallowsoneofthe
twoaccessestoproceedandsignalstheothersidethattheRAMis“Busy”.
TheBUSYpincanthenbeusedtostalltheaccessuntiltheoperationon
theothersideiscompleted.Ifawriteoperationhasbeenattemptedfrom
thesidethatreceivesaBUSYindication,thewritesignalisgatedinternally
to prevent the write from proceeding.
TheuseofBUSYlogicisnotrequiredordesirableforallapplications.
InsomecasesitmaybeusefultologicallyORtheBUSYoutputstogether
and use any BUSY indication as an interrupt source to flag the event of
anillegalorillogicaloperation.IfthewriteinhibitfunctionofBUSYlogicis
notdesirable,theBUSYlogiccanbedisabledbyplacingthepartinslave
modewiththeM/Spin.OnceinslavemodetheBUSYpinoperatessolely
asawriteinhibitinputpin.Normaloperationcanbeprogrammedbytying
the BUSY pins HIGH. If desired, unintended write operations can be
prevented to a port by tying the BUSY pin for that port LOW.
The BUSY outputs on the IDT70T633/1 RAM in master mode, are
push-pull type outputs and do not require pull up resistors to operate.
If these RAMs are being expanded in depth, then the BUSY indication
for the resulting array requires the use of an external AND gate.
address signals only. It ignores whether an access is a read or write.
In a master/slave array, both address and chip enable must be valid
long enough for a BUSY flag to be output from the master before the
actual write pulse can be initiated with the R/W signal. Failure to
observe this timing can result in a glitched internal write inhibit signal
and corrupted data in the slave.
Semaphores
The IDT70T633/1 is an extremely fast Dual-Port 512/256K x 18
CMOS Static RAM with an additional 8 address locations dedicated to
binarysemaphoreflags.Theseflagsalloweitherprocessorontheleftor
right sideoftheDual-PortRAMtoclaimaprivilegeovertheotherprocessor
forfunctionsdefinedbythesystemdesigner’ssoftware.Asanexample,
the semaphore can be used by one processor to inhibit the
otherfromaccessingaportionoftheDual-PortRAMoranyothershared
resource.
The Dual-Port RAM features a fast access time, with both ports
being completely independent of each other. This means that the
activity on the left port in no way slows the access time of the right port.
Both ports are identical in function to standard CMOS Static RAM and
can be read from or written to at the same time with the only possible
conflict arising from the simultaneous writing of, or a simultaneous
READ/WRITE of, a non-semaphore location. Semaphores are pro-
tected against such ambiguous situations and may be used by the
system program to avoid any conflicts in the non-semaphore portion
of the Dual-Port RAM. These devices have an automatic power-down
featurecontrolledbyCE0andCE1,theDual-PortRAMchipenables,and
SEM, the semaphore enable. The CE0, CE1, and SEM pins control on-
chippowerdowncircuitrythatpermitstherespectiveporttogointostandby
modewhennotselected.
Systems which can best use the IDT70T633/1 contain multiple
processors or controllers and are typically very high-speed systems
which are software controlled or software intensive. These systems
can benefit from a performance increase offered by the hardware
semaphores of the IDT70T633/1, which provide a lockout mechanism
withoutrequiringcomplexprogramming.
Software handshaking between processors offers the maximum in
system flexibility by permitting shared resources to be allocated in
varying configurations. The IDT70T633/1 does not use its semaphore
flags to control any resources through hardware, thus allowing the
systemdesignertotalflexibilityinsystemarchitecture.
An advantage of using semaphores rather than the more common
methods of hardware arbitration is that wait states are never incurred
in either processor. This can prove to be a major advantage in very
high-speedsystems.
How the Semaphore Flags Work
The semaphore logic is a set of eight latches which are indepen-
dent of the Dual-Port RAM. These latches can be used to pass a flag,
or token, from one port to the other to indicate that a shared resource
is in use. The semaphores provide a hardware assist for a use
assignment method called “Token Passing Allocation.” In this method,
the state of a semaphore latch is used as a token indicating that a
shared resource is in use. If the left processor wants to use this
resource, it requests the token by setting the latch. This processor then
Width Expansion with Busy Logic
Master/Slave Arrays
When expanding an IDT70T633/1 RAM array in width while using
BUSY logic, one master part is used to decide which side of the RAMs
array will receive a BUSY indication, and to output that indication. Any
number of slaves to be addressed in the same address range as the
master use the BUSY signal as a write inhibit signal. Thus on the
IDT70T633/1 RAM the BUSY pin is an output if the part is used as a
master (M/S pin = VIH), and the BUSY pin is an input if the part used
as a slave (M/S pin = VIL) as shown in Figure 3.
If two or more master parts were used when expanding in width, a
split decision could result with one master indicating BUSY on one side
of the array and another master indicating BUSY on one other side of
the array. This would inhibit the write operations from one port for part
of a word and inhibit the write operations from the other port for the
other part of the word.
The BUSY arbitration on a master is based on the chip enable and
Figure 3. Busy and chip enable routing for both width and depth
expansion with IDT70T633/1 Dual-Port RAMs.
5670 drw 20
MASTER
Dual Port RAM
BUSYR
CE0
MASTER
Dual Port RAM
BUSYR
SLAVE
Dual Port RAM
BUSYR
SLAVE
Dual Port RAM
BUSYR
CE1
CE1
CE0
A19
BUSYL
BUSYL
BUSYL
BUSYL
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com