Electronic Components Datasheet Search
  English  ▼

X  

LM4949TL Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949TL
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949TL Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4949TL Datasheet HTML 18Page - National Semiconductor (TI) LM4949TL Datasheet HTML 19Page - National Semiconductor (TI) LM4949TL Datasheet HTML 20Page - National Semiconductor (TI) LM4949TL Datasheet HTML 21Page - National Semiconductor (TI) LM4949TL Datasheet HTML 22Page - National Semiconductor (TI) LM4949TL Datasheet HTML 23Page - National Semiconductor (TI) LM4949TL Datasheet HTML 24Page - National Semiconductor (TI) LM4949TL Datasheet HTML 25Page - National Semiconductor (TI) LM4949TL Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Power
OCL Headphone Mode, Single-Ended Input
A
V = 0dB, RL =16
Ω, f = 1kHz
THD+N vs Output Power
OCL Headphone Mode, Single-Ended Input
A
V = 0dB, RL =32
Ω, f = 1kHz
202001D6
202001D7
THD+N vs Output Power
CC Headphone Mode, Differential Input
A
V = 0dB, RL =16
Ω, f = 1kHz
THD+N vs Output Power
CC Headphone Mode, Differential Input
A
V = 0dB, RL =32
Ω, f = 1kHz
202001D8
202001D9
THD+N vs Output Power
CC Headphone Mode, Single-Ended Input
A
V = 0dB, RL =16
Ω, f = 1kHz
THD+N vs Output Power
CC Headphone Mode, Single-Ended Input
A
V = 0dB, RL =32
Ω, f = 1kHz
202001E0
202001E1
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com