Electronic Components Datasheet Search
  English  ▼

X  

LM4949TL Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949TL
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949TL Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM4949TL Datasheet HTML 24Page - National Semiconductor (TI) LM4949TL Datasheet HTML 25Page - National Semiconductor (TI) LM4949TL Datasheet HTML 26Page - National Semiconductor (TI) LM4949TL Datasheet HTML 27Page - National Semiconductor (TI) LM4949TL Datasheet HTML 28Page - National Semiconductor (TI) LM4949TL Datasheet HTML 29Page - National Semiconductor (TI) LM4949TL Datasheet HTML 30Page - National Semiconductor (TI) LM4949TL Datasheet HTML 31Page - National Semiconductor (TI) LM4949TL Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Typical Performance Characteristics (Continued)
Crosstalk vs Frequency
OCL Headphone Mode
V
DD = 3.6V, VRIPPLE =1VP-P,RL =32
Ω
Crosstalk vs Frequency
CC Headphone Mode
V
DD = 3.6V, VRIPPLE =1VP-P,RL =32
Ω
202001I1
202001I2
Supply Current vs Supply Voltage
Speaker Mode, No Load
Supply Current vs Supply Voltage
OCL Headphone Mode, No Load
202001B1
202001B4
Supply Current vs Supply Voltage
CC Headphone Mode, No Load
Supply Current vs Supply Voltage
Speaker and OCL Headphone Mode, No Load
202001B7
202001B8
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com