Electronic Components Datasheet Search
  English  ▼

X  

L9958 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9958
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9958 Datasheet HTML 25Page - STMicroelectronics L9958 Datasheet HTML 26Page - STMicroelectronics L9958 Datasheet HTML 27Page - STMicroelectronics L9958 Datasheet HTML 28Page - STMicroelectronics L9958 Datasheet HTML 29Page - STMicroelectronics L9958 Datasheet HTML 30Page - STMicroelectronics L9958 Datasheet HTML 31Page - STMicroelectronics L9958 Datasheet HTML 32Page - STMicroelectronics L9958 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
DocID17269 Rev 6
29/38
L9958
Electrical specifications
37
6.4.4
Digital inputs: TTL // 3.3V / 5V CMOS compatible
6.4.5
Bridge output drivers
Table 21. Digital inputs: TTL // 3.3V / 5V CMOS compatible
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
4.1
Vih
Input voltage HIGH
-
2
-
Vdd+0.3
V
4.2
Vil
Input voltage LOW
-
-0.3
-
0.8
V
4.3
Hysteresis of input voltage
-
200
-
-
mV
4.4
Iinl
Input current source for: DI /
NCS / SCLK / SDI
Vin = 0 V
-100
-
-30
μA
Vin = 5 V No back
supply allowed
--
5
4.5
Iinh
Input current sink for: EN / DIR /
PWM
Vin = 5 V
30
-
100
μA
Vin = 0 V
-5
-
-
4.6
Vrext
External resistor
-
-
1.24
-
V
Rext
--
10
-
kΩ
Overall tolerance can
be taken as 3.5 %
-1
-
%
Table 22. Bridge output drivers
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.1
Rdson_h
High-side transistor Rdson
Tj = 150 °C, Iout = 3 A
4 V < Vps < 5 V
-
-
300
mΩ
Tj = 150 °C, Iout = 3 A
Vps > 5 V
-
-
150
5.2
Rdson_l
Low-side transistor Rdson
Tj = 150 °C, Iout = 3 A
4 V < Vps < 5 V
-
-
300
mΩ
Tj = 150 °C, Iout = 3 A
Vps > 5 V
-
-
150
5.3
Vbd_h
Body diode forward voltage
drop high-side transistor
Idiode = 3 A
-
1.2
2
V
5.4
Vbd_l
Body diode forward voltage
drop low-side transistor
Idiode = 3 A
-
1.2
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com