Electronic Components Datasheet Search
  English  ▼

X  

MIC5232 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5232
Description  10mA Ultra-Low Quiescent Current uCap LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5232 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5232 Datasheet HTML 1Page - Micrel Semiconductor MIC5232 Datasheet HTML 2Page - Micrel Semiconductor MIC5232 Datasheet HTML 3Page - Micrel Semiconductor MIC5232 Datasheet HTML 4Page - Micrel Semiconductor MIC5232 Datasheet HTML 5Page - Micrel Semiconductor MIC5232 Datasheet HTML 6Page - Micrel Semiconductor MIC5232 Datasheet HTML 7Page - Micrel Semiconductor MIC5232 Datasheet HTML 8Page - Micrel Semiconductor MIC5232 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
MIC5232
November 2006
5
M9999-112006-B
Typical Characteristics
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
VOUT = 3.3V
VIN = VOUT + 1V
IOUT = 100µA
COUT = 0.47µF
0
20
40
60
80
100
120
01234 56789 10
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VOUT = 3.3V
COUT = 0.47µF
0
10
20
30
40
50
60
70
80
90
Dropout Voltage
vs. Temperature
VOUT = 3.3V
IOUT = 100µA
COUT = 0.47µF
100 120
TEMPERATURE (°C)
0
20
40
60
80
100
120
140
160
Dropout Voltage
vs. Temperature
100 120
TEMPERATURE (°C)
VOUT = 3.3V
IOUT = 10mA
COUT = 0.47µF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0123456
7
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
VOUT = 1.2V
COUT = 0.47µF
100µA
10mA
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
Output Voltage
vs. Temperature
100 120
TEMPERATURE (°C)
VOUT = 3.3V
VIN = VOUT + 1V
COUT = 0.47µF
0
2
4
6
8
10
12
14
012 34567 89 10
OUTPUT CURRENT (mA)
Ground Pin Current
vs. Output Current
VOUT = 3.3V
VIN = VOUT + 1V
COUT = 0.47µF
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
VOUT = 1.2V
IOUT = 100µA
COUT = 0.47µF
0
2
4
6
8
10
12
14
2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
VOUT = 1.2V
IOUT = 10mA
COUT = 0.47µF
0
2
4
6
8
10
12
14
16
18
20
Ground Pin Current
vs. Temperature
100 120
TEMPERATURE (°C)
VOUT = 3.3V
VIN = VOUT + 1V
IOUT = 10mA
COUT = 0.47µF
0
20
40
60
80
100
2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
VOUT = 3.3V
COUT = 0.47µF
0
0.2
0.4
0.6
0.8
1
Enable-On Threshold
vs. Temperature
VOUT = 3.3V
VIN = 4.3V
COUT = 0.47µF
100 120
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com