Electronic Components Datasheet Search
  English  ▼

X  

MIC5232 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5232
Description  10mA Ultra-Low Quiescent Current uCap LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5232 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5232 Datasheet HTML 1Page - Micrel Semiconductor MIC5232 Datasheet HTML 2Page - Micrel Semiconductor MIC5232 Datasheet HTML 3Page - Micrel Semiconductor MIC5232 Datasheet HTML 4Page - Micrel Semiconductor MIC5232 Datasheet HTML 5Page - Micrel Semiconductor MIC5232 Datasheet HTML 6Page - Micrel Semiconductor MIC5232 Datasheet HTML 7Page - Micrel Semiconductor MIC5232 Datasheet HTML 8Page - Micrel Semiconductor MIC5232 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC5232
10mA Ultra-Low Quiescent Current
µCap LDO
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2006
1
M9999-112006-B
General Description
The MIC5232 is an ultra-low quiescent current, low-
dropout linear regulator that is capable of operating
from a single-cell lithium ion battery. Consuming only
1.8µA of quiescent current while operating, the
MIC5232 is ideal for stand-by applications like
powering real-time clocks or memory in battery
operated electronics.
The MIC5232 is capable of providing 10mA of output
current and has low output noise, providing a small,
efficient solution ideal for any keep-alive application.
Including reverse current protection, keeping reverse
leakage (VOUT > VIN) down to 20nA.
The MIC5232 is a µCap design, operating with very
small ceramic output capacitors for stability, reducing
required board space and component cost.
The MIC5232 is available in fixed output voltages in
the miniature 6-pin 2mm x 2mm MLF
® package and
thin SOT-23-5 package with an operating junction
temperature range of -40°C to 125°C.
Features
• Input voltage range: 2.7V to 7.0V
• Ultra-low Iq: Only 1.8µA operating current
• Stable with 0.47µF ceramic output capacitor
• Low dropout voltage of 100mV @ 10mA
• Reverse Battery Protection
• High output accuracy:
– +2.0% initial accuracy
– +3.0% over temperature
• Logic-Level Enable Input
• Miniature 6-pin 2mm x 2mm MLF® package
• Lead-Free Thin SOT-23-5 Package
• Tight Load and Line Regulation
Applications
• Real-Time Clock Power Supply
• Stand-by Power Supply
• SRAM Memory Back-up Supply
• Cellular Telephones and Notebook Computers
Typical Application
VIN
VOUT
EN
GND
MIC5232-1.2YD5
VOUT
VIN
3.6V
1.2V
0.47µF
ceramic
1µF
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
VOUT = 1.2V
IOUT = 100µA
COUT = 0.47µF
1.5 Real-Time Clock Back-up Supply


Similar Part No. - MIC5232

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232-1.2YD5 MICREL-MIC5232-1.2YD5 Datasheet
365Kb / 10P
10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5232-1.2YD5 MICREL-MIC5232-1.2YD5 Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
MIC5232-1.2YML MICREL-MIC5232-1.2YML Datasheet
365Kb / 10P
10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5232-1.2YML MICREL-MIC5232-1.2YML Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
MIC5232-1.8YD5 MICREL-MIC5232-1.8YD5 Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
More results

Similar Description - MIC5232

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
10mA Ultra-Low Quiescent Current 關Cap LDO
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Micrel Semiconductor
MIC5232 MICREL-MIC5232_12 Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com