Electronic Components Datasheet Search
  English  ▼

X  

BFG67W Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BFG67W
Description  NPN 8 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG67W Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BFG67W Datasheet HTML 8Page - NXP Semiconductors BFG67W Datasheet HTML 9Page - NXP Semiconductors BFG67W Datasheet HTML 10Page - NXP Semiconductors BFG67W Datasheet HTML 11Page - NXP Semiconductors BFG67W Datasheet HTML 12Page - NXP Semiconductors BFG67W Datasheet HTML 13Page - NXP Semiconductors BFG67W Datasheet HTML 14Page - NXP Semiconductors BFG67W Datasheet HTML 15Page - NXP Semiconductors BFG67W Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
August 1995
13
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFG67W
BFG67W/X; BFG67W/XR
PACKAGE OUTLINES
Dimensions in mm.
Fig.21 SOT343.
handbook, full pagewidth
0.3
0.1
0.25
0.10
0.2
0.1
max
1.00
max
MSB374
1.4
1.2
2.2
1.8
B
A
1.35
1.15
0.4
0.2
B
M
0.2
A
M
0.2
2.2
2.0
0.7
0.5
43
12
Dimensions in mm.
Fig.22 SOT343R.
handbook, full pagewidth
0.3
0.1
0.25
0.10
0.2
0.1
max
1.00
max
MSB367
1.4
1.2
2.2
1.8
B
A
1.35
1.15
0.4
0.2
B
M
0.2
A
M
0.2
2.2
2.0
0.7
0.5
34
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com