Electronic Components Datasheet Search
  English  ▼

X  

BFG67W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG67W
Description  NPN 8 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG67W Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG67W Datasheet HTML 1Page - NXP Semiconductors BFG67W Datasheet HTML 2Page - NXP Semiconductors BFG67W Datasheet HTML 3Page - NXP Semiconductors BFG67W Datasheet HTML 4Page - NXP Semiconductors BFG67W Datasheet HTML 5Page - NXP Semiconductors BFG67W Datasheet HTML 6Page - NXP Semiconductors BFG67W Datasheet HTML 7Page - NXP Semiconductors BFG67W Datasheet HTML 8Page - NXP Semiconductors BFG67W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
August 1995
2
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFG67W
BFG67W/X; BFG67W/XR
FEATURES
• High power gain
• Low noise figure
• Gold metallization ensures
excellent reliability.
APPLICATIONS
They are intended for wideband
applications in the GHz range such as
analog satellite television systems
and portable RF communication
equipment.
DESCRIPTION
NPN silicon planar epitaxial
transistors in plastic, 4-pin
dual-emitter SOT343 and SOT343R
packages.
MARKING
PINNING
TYPE NUMBER
CODE
BFG67W
V2
BFG67W/X
V6
BFG67W/XR
V7
PIN
DESCRIPTION
BFG67W (see Fig.1)
1
collector
2
base
3
emitter
4
emitter
BFG67W/X (see Fig.1)
1
collector
2
emitter
3
base
4
emitter
BFG67W/XR (see Fig.2)
1
collector
2
emitter
3
base
4
emitter
Fig.1 SOT343.
fpage
Top view
MBK523
2
1
3
4
Fig.2 SOT343R.
alfpage
Top view
MSB842
21
4
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX. UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCEO
collector-emitter voltage
open base
−−
10
V
IC
collector current (DC)
−−
50
mA
Ptot
total power dissipation
up to Ts =85 °C
−−
500
mW
hFE
DC current gain
IC = 15 mA; VCE = 5 V
60
100
−
Cre
feedback capacitance
IC = 0; VCE = 8 V; f = 1 MHz
−
0.5
−
pF
fT
transition frequency
IC = 15 mA; VCE = 8 V; f = 500 MHz; Tamb =25 °C −
7.5
−
GHz
GUM
maximum unilateral
power gain
IC = 15 mA; VCE = 8 V; f = 1 GHz; Tamb =25 °C
−
15.5
−
dB
F
noise figure
Γ
s =Γopt; IC = 5 mA; VCE = 8 V; f = 2 GHz
−
2.2
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com