Electronic Components Datasheet Search
  English  ▼

X  

PRS-201 Datasheet(PDF) 2 Page - IET Labs Inc.

Part # PRS-201
Description  Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

PRS-201 Datasheet(HTML) 2 Page - IET Labs Inc.

  PRS-201 Datasheet HTML 1Page - IET Labs Inc. PRS-201 Datasheet HTML 2Page - IET Labs Inc. PRS-201 Datasheet HTML 3Page - IET Labs Inc. PRS-201 Datasheet HTML 4Page - IET Labs Inc. PRS-201 Datasheet HTML 5Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
Programmable Resistance - Capacitance -
Inductance - RTD Decade Substituter
PRS-PCS-PLS-PRTD Series
Page 2 of 5
PRS Catalog Nov 2021
OPTIONS AND CONFIGURATIONS
Dual PRS Resistance and PCS Capacitance Subs•tuter with rack mount op•on
Model PRS-201 Bench Resistance Subs•tuter
Choice of Performance:
PRS-200 Series - economical 1% ac-
curacy
PRS-201 Series - laboratory 0.1% ac-
curacy
PRS-202 Series - high accuracy to 0.01%
and improved stability using wire-wound
resistors for 1 Ω/step to 100 kΩ/step for
stability of 10 ppm/year. This compares
to 50 ppm/year using precision metal film
resistors in the PRS 200 and 201.
Digital Display (D Option): Shows
the remotely programmed or manu-
ally set value.
This is useful for
confirming or monitoring the selected
command value, remote or local. This
option requires the rack mount RM
option.
Wide choice of impedance ranges:
resistance, capacitance and inductance
of up to 10 decades may be specified.
Resistance may range from 1 mΩ to
100 MΩ.
Package Configuration:
Convenient
standard 19" rack mounting (RM) or
more portable benchtop versions, are
available. Both single and dual units are
available.
Combinations: Dual units can combine
any two resistance, capacitance, induc-
tance substituters in one chassis.
Rear Outputs: Single or dual front panel
binding posts are standard. Rear binding
post outputs are available with option RO.
PRTD: Low-resistance models with a
fixed minimum resistance setting (4 Ω.
or as specified by customer) are suitable
for RTD (Resistance Temperature De-
tector) simulations. This design virtually
eliminates the effect of zero resistance
and relay contact resistance, providing
the specified absolute accuracy over its
entire range.
Short-Circuit (SC) and Open-Circuit
(OC) Options: Optional short-circuit and
open-circuit modes of operation. These
states are controlled only in the REMOTE
programming mode.
The Open Circuit OC option gives the
user an open circuit immediately in series
with the HI binding post during switching
between values. The Short Circuit SC
operation gives the user a short circuit
across the HI and the LO binding posts
during switching. The short circuit imped-
ance is very small, <20 mΩ, typically 5
mΩ. This is lower than the regular zero
resistance setting. In both these cases,
the underlying resistance setting is unaf-
fected and may still be controlled.
Special Customer Requirements:
High voltage, nonstandard values, high
stability, ultra-low temperature coefficient
or improved accuracy can be accom-
modated.
High-Power Options: Power dissipa-
tion requirements of up to 500 Watts
can be accommodated.
-D Digital Display Op•on
PLS Programmable Inductance Subs•tuter with digital display and rack
mount op•ons



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com