Electronic Components Datasheet Search
  English  ▼

X  

PRS-201 Datasheet(PDF) 3 Page - IET Labs Inc.

Part # PRS-201
Description  Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

PRS-201 Datasheet(HTML) 3 Page - IET Labs Inc.

  PRS-201 Datasheet HTML 1Page - IET Labs Inc. PRS-201 Datasheet HTML 2Page - IET Labs Inc. PRS-201 Datasheet HTML 3Page - IET Labs Inc. PRS-201 Datasheet HTML 4Page - IET Labs Inc. PRS-201 Datasheet HTML 5Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
Programmable Resistance - Capacitance -
Inductance - RTD Decade Substituter
PRS-PCS-PLS-PRTD Series
Page 3 of 5
PRS Catalog Nov 2021
REMOTE CONTROL AND PROGRAMMING
Remote Control Options:
IEEE-488:
GPIB interface features
*IDN? and cal date query, allow-
ing you to improve your instrument
and calibration tracking capabilities.
GPIB addressing is controlled via
DIP switches or commands on the
GPIB bus.
RS232: This interface conforms to
EIA-STD-RS-530; with a 25 pin DTE
interface.
The PRS is a standard DTE device
in RS232 mode. Connection to a PC
is made via a null-modem cable.
Ethernet: This interface conforms to
IEEE 802.3
When equipped with any remote con-
trol functionality, the PRS front panel
switch determines if REMOTE mode is
enabled. Regardless of remote control
type, setting the front panel switch to the
LOCAL position always disables the
remote control “set” value.
Supported commands include: *IDN?,
*CLS, *ESE?, *ESR?, *IDN?, *RCL,
*RST, *SAV, *STB?, SYST: ERR?,
CAL:DATE? and SOURce:DATA <VAL-
UE>
The remote output value is set by
sending a ‘SOURCe:DATA’ command
followed by a string that represents the
digits as they would be selected using
the thumbwheels. Leading and trailing
zeros are required to set each decade
properly; the decimal point is not used.
LABVIEW DRIVERS AND SOFTWARE
LabVIEW instrument drivers are avail-
able for units equipped with GPIB or
RS232C options. These drivers are
written based on the National Instru-
ments instrument template, using VISA
handles and standard initialize, config-
ure and query functions.
To aid the user in operating the PRS/
PCS/PLS, two “Keyboard” Controller
programs - the easiest way to control
GPIB or RS232 devices without writ-
ing a program - are available from IET.
This Keyboard programs automatically
finds your device at start-up and it lets
For example; the PRS-202-IEEE has
a least significant digit value of 1 mΩ
and a remote logic maximum of 12
command decades. To set a value
of 50,000.045 Ω, the command string
would be:
SOURCe:DATA 000050000045
The PRS-201 & PRS-202 RS-232 has
a least significant digit value of 0.1 Ω
and a remote logic maximum of 10
command decades. To set a value of
2,500.8 Ω, the command string would
be:
SOURCe:DATA 0000025008
you enter just the data that you want to
send to the device. This program works
with ICS and National Instruments GPIB
cards.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com