Electronic Components Datasheet Search
  English  ▼

X  

SL2-ICS20 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SL2-ICS20
Description  Smart Label IC SL2 ICS20 Functional Specification
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2-ICS20 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SL2-ICS20 Datasheet HTML 17Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 18Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 19Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 20Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 21Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 22Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 23Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 24Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Philips Semiconductors
Product Specification Rev. 3.1
February 2005
Functional Specification
Standard Label IC SL2 ICS20
22
5 DEFINITIONS
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification This data sheet contains preliminary data; supplementary data may be
published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress
above one or more of the limiting values may cause permanent damage to the device. These are stress
ratings only and operation of the device at these or at any other conditions above those given in the
Characteristics section of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
6 DISCLAIMERS
6.1 Life Support Applications
These products are not designed for use in life support appliances, devices, or systems where malfunction of
these products can reasonably be expected to result in personal injury. Philips customers using or selling
these products for use in such applications do so on their own risk and agree to fully indemnify Philips for
any damages resulting from such improper use or sale.
6.2 Licence Policy
Purchase of this Philips IC with a functionally according to ISO/IEC 15693 Standard does not convey an
implied license under any patent right on this standard. A license for the Philips portfolio of patents on the
ISO/IEC 15693 Standard can be obtained via the Philips Intellectual Property and Standards department.
For more information please contact the nearest Philips Semiconductors sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com