Electronic Components Datasheet Search
  English  ▼

X  

SL2-ICS20 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SL2-ICS20
Description  Smart Label IC SL2 ICS20 Functional Specification
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2-ICS20 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SL2-ICS20 Datasheet HTML 5Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 6Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 7Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 8Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 9Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 10Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 11Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 12Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Philips Semiconductors
Product Specification Rev. 3.1
February 2005
Functional Specification
Standard Label IC SL2 ICS20
9
3.2.3 APPLICATION FAMILY IDENTIFIER
The I•CODE system offers the feature to use an Application Family Identifier (AFI) at the inventory command
ant the two custom commands inventory read and fast inventory read (this allows for example the creation of
‘label families’).
This 8-bit value is located at Byte 2 in Block -2 as shown in the following figure and is only evaluated if the
AFI flag is set in the reader command.
For details please refer to ISO 15693-3.
Block –2, Byte 2
MSB
LSB
X
X
X
X
X
X
X
X
AFI
3.2.4 DATA STORAGE FORMAT IDENTIFIER
The Data Storage Format Identifier (DSFID) is located at Byte 3 in Block –2.
For details please refer to ISO/IEC 15693-3.
Block –2, Byte 3
MSB
LSB
X
X
X
X
X
X
X
X
DSFID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com