Electronic Components Datasheet Search
  English  ▼

X  

AT90SC9618RT Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90SC9618RT
Description  Secure Microcontroller for Smart Cards
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SC9618RT Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90SC9618RT Datasheet HTML 1Page - ATMEL Corporation AT90SC9618RT Datasheet HTML 2Page - ATMEL Corporation AT90SC9618RT Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6516AS–SMIC–28Jun05
Features
General
• High-performance, Low-power secureAVREnhanced RISC Architecture
– 135 Powerful Instructions (Most Executed in a Single Clock Cycle)
• Low Power Idle and Power-down Modes
• Bond Pad Locations Conforming to ISO 7816-2
• ESD Protection to ± 6000V
• Operating Ranges: 2.7 to 5.5V
• Compliant with GSM, 3GPP and EMV 2000 Specifications; PC Industry Compatible
• Available in Wafers, Modules, and Industry-standard Packages
Memory
• 96K Bytes of ROM Program Memory
• 18K Bytes of EEPROM, Including 128 OTP Bytes and 384-byte Bit-addressable Area
– 1 to 64-byte Program / Erase
– 1.25 ms Program / 1.25 ms Erase
– Typically More than 500,000 Write/Erase Cycles at a Temperature of 25oC
– 10 Years Data Retention
• 4K Bytes of RAM
Peripherals
• One ISO 7816 Controller
– Up to 625 kbps at 5 MHz
– Compliant with T=0 and T=1 Protocols
• One I/O Port
• Programmable Internal Oscillator (Up to 20 MHz for Internal CPU Clock)
• Two 16-bit Timers
• Random Number Generator (RNG)
• 2-level, 7-vector Interrupt Controller
• Hardware DES and Triple DES DPA Resistant
• Checksum Accelerator
• CRC 16 & 32 Engine (Compliant with ISO/IEC 3309)
Security
• Dedicated Hardware for Protection Against SPA/DPA Attacks
• Advanced Protection Against Physical Attack, Including Active Shield
• Environmental Protection Systems
• Voltage Monitor
• Frequency Monitor
• Temperature Monitor
• Light Protection
• Secure Memory Management/Access Protection (Supervisor Mode)
Development Tools
• Voyager Emulation Platform (ATV4) to Support Software Development
• IAR Embedded Workbench® V3.20 Debugger or Atmel’s AVR Studio® Version 4.07 or
Above
• Software Libraries and Application Notes
Secure
Microcontroller
for Smart Cards
AT90SC
9618RT
Summary
Note: This is a summary document. A complete document will be
available under NDA. For more information, please contact your
local Atmel sales office.


Similar Part No. - AT90SC9618RT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SC9618RT ATMEL-AT90SC9618RT Datasheet
63Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC9618RT ATMEL-AT90SC9618RT_07 Datasheet
63Kb / 3P
Secure Microcontroller for Smart Cards
More results

Similar Description - AT90SC9618RT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
Secure Microcontroller for Smart Cards
AT90SC6436RT ATMEL-AT90SC6436RT Datasheet
439Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT Datasheet
60Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT_06 Datasheet
46Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC9604RU ATMEL-AT90SC9604RU Datasheet
67Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC19236RU ATMEL-AT90SC19236RU Datasheet
67Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC12036RU ATMEL-AT90SC12036RU Datasheet
61Kb / 3P
Secure Microcontroller for Smart Cards
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
Secure Microcontroller for Smart Cards
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com