Electronic Components Datasheet Search
  English  ▼

X  

AT90SC9618RT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90SC9618RT
Description  Secure Microcontroller for Smart Cards
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SC9618RT Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90SC9618RT Datasheet HTML 1Page - ATMEL Corporation AT90SC9618RT Datasheet HTML 2Page - ATMEL Corporation AT90SC9618RT Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AT90SC9618RT
6516AS–SMIC–28Jun05
Instruction
Decoder
Program
Memory
Instruction
Register
Access
Control
General
Purpose
Registers
X
Y
Z
Status
Register
RAM
Data Memory
Interrupt
Unit
ISO 7816
I/O Port 0
Timer
Control
Lines
ALU
EEPROM
User Memory
OTP
PC
Secure
Control
VCC
GND
CLK
Access
Control
IN/OUT0
Data Bus
8-bit
RNG
16
16
16
8
88
DES
DPA Counter
measures
Reset
Circuit
RST
ISO 7816
Controller
CRC and
Checksum
Accelerator
Description
The AT90SC9618RT is a low-power, high-performance, 8/16-bit microcontroller with ROM program memory, EEPROM
data memory and is based on the secureAVR enhanced RISC architecture. By executing powerful instructions in a single
clock cycle, the AT90SC9618RT achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 gen-
eral purpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one
single instruction executed in one clock cycle.
The AT90SC9618RT uses the secureAVR that allows the linear addressing of up to 8M bytes of code and up to 16M bytes
of data as well as a number of new functional and security features.
The AT90SC9618RT includes 18K bytes of Atmel’s high density, non volatile memory.
Additional security features include power and frequency protection logic, logical scrambling on program data and
addresses, Power Analysis countermeasures and memory accesses controlled by a supervisor mode.
Figure 1 shows the AT90SC9618RT secureAVR Enhanced RISC Architecture.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com