Electronic Components Datasheet Search
  English  ▼

X  

BFQ17 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ17
Description  NPN 1 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ17 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ17 Datasheet HTML 1Page - NXP Semiconductors BFQ17 Datasheet HTML 2Page - NXP Semiconductors BFQ17 Datasheet HTML 3Page - NXP Semiconductors BFQ17 Datasheet HTML 4Page - NXP Semiconductors BFQ17 Datasheet HTML 5Page - NXP Semiconductors BFQ17 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFQ17
DESCRIPTION
NPN transistor in a SOT89 plastic
envelope intended for application in
thick and thin-film circuits. The
transistor has extremely good
intermodulation properties and a high
power gain.
PINNING
PIN
DESCRIPTION
Code: FA
1
emitter
2
collector
3
base
Fig.1 SOT89.
page
12
3
Bottom view
MBK514
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
TYP. MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
40
V
VCEO
collector-emitter voltage
open base
−
25
V
ICM
peak collector current
−
300
mA
Ptot
total power dissipation
up to Ts = 145 °C (note 1)
−
1W
fT
transition frequency
IC = 150 mA; VCE = 15 V; f = 500 MHz;
Tj = 25 °C
1.5
−
GHz
Cre
feedback capacitance
IC = 10 mA; VCE = 15 V; f = 1 MHz;
Tamb = 25 °C
1.9
−
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
40
V
VCER
collector-emitter voltage
RBE ≤ 50 Ω−
40
V
VCEO
collector-emitter voltage
open base
−
25
V
VEBO
emitter-base voltage
open collector
−
2V
IC
DC collector current
−
150
mA
ICM
peak collector current
f
> 1 MHz
−
300
mA
Ptot
total power dissipation
up to Ts = 145 °C (note 1)
−
1W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com