Electronic Components Datasheet Search
  English  ▼

X  

AM79C874VI Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79C874VI
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VI Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C874VI Datasheet HTML 12Page - Advanced Micro Devices AM79C874VI Datasheet HTML 13Page - Advanced Micro Devices AM79C874VI Datasheet HTML 14Page - Advanced Micro Devices AM79C874VI Datasheet HTML 15Page - Advanced Micro Devices AM79C874VI Datasheet HTML 16Page - Advanced Micro Devices AM79C874VI Datasheet HTML 17Page - Advanced Micro Devices AM79C874VI Datasheet HTML 18Page - Advanced Micro Devices AM79C874VI Datasheet HTML 19Page - Advanced Micro Devices AM79C874VI Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
16
Am79C874
P R E L I M INARY
s RXD (receive data) is a nibble (4 bits) of data that is
sampled by the reconciliation sublayer synchro-
nously with respect to RX_CLK. For each RX_CLK
period which RX_DV is asserted, RXD[3:0] are
transferred from the PHY to the MAC reconciliation
sublayer.
s RX_CLK (receive clock) output to the MAC reconcil-
iation sublayer is a continuous clock (during LINK
only) that provides the timing reference for the
transfer of the RX_DV, RXD, and RX_ER signals.
s RX_DV (receive data valid) input from the PHY to in-
dicate the PHY is presenting recovered and de-
coded nibbles to the MAC reconciliation sublayer.
To interpret a receive frame correctly by the recon-
ciliation sublayer, RX_DV must encompass the
frame starting no later than the Start-of-Frame de-
limiter and excluding any End-Stream delimiter.
s RX_ER (receive error) transitions synchronously
with respect to RX_CLK. RX_ER will be asserted
for 1 or more clock periods to indicate to the recon-
ciliation sublayer that an error was detected some-
where in the frame being received by the PHY.
s CRS (carrier sense) is asserted by the PHY when
either the transmit or receive medium is non-idle
and deasserted by the PHY when the transmit and
receive medium are idle.
7-Wire (GPSI) Mode
7-Wire (GPSI) mode uses the existing MII pins, but
data is transferred only on TXD[0] and RXD[0]. This
mode is used in a General Purpose Serial Interface
(GPSI) configuration for 10BASE-T. If the GPIO[0] pin
is LOW at the rising edge of reset, then GPSI mode is
selected. For this configuration, TX_CLK runs at 10
MHz. When the cable is unplugged, 10TXCLK ceases
operation.
The MII pins that relate to 7-wire (GPSI) mode are
shown in Table 1. The unused input pins in this mode
should be tied to ground through a 1 k
W resistor. The
RPTR pin must be connected to GND.
Table 1.
MII Pins That Relate to 10 Mbps
7-Wire (GPSI) Mode
Note: CRS ends one and one-half bit times after the
last data bit. The effect is one or two dribbling bits on
every packet. All MACs truncate packets to eliminate
the dribbling bits. The only noticeable effect is that all
CRC errors are recorded as framing errors.
Use the TECH_SEL[2:0] to select the desired 10BASE-
T operation. For example, to auto-negotiate between
Full Duplex and Half Duplex at 10 Mbps, set ANEG=1
and TECH[2:0]=101.
5B Symbol Mode
The purpose of the 5B Symbol mode is to provide a
way for the MAC to do the 4B/5B encoding/decoding
and scrambling/descrambling in 100 Mbps operation.
This is useful in MAC similar to the Intel/DEC 21143
MAC.
In 10 Mbps operation, the MII signals are not used. In-
stea d, th e Ne tPHY-1LP dev ic e operates as a
10BASE-T transceiver, providing received data to the
MAC over a serial differential pair (see Pin Descrip-
tions, PCSBP pin). The MAC uses two serial differential
pairs to provide transmit data to the NetPHY-1LP de-
vice, where the two differential pairs are combined in
the NetPHY-1LP device to compensate for inter-symbol
interference on the twisted pair medium.
100BASE-X Block
The functions performed by the device include encod-
ing of MII 4-bit data (4B/5B), decoding of received code
groups (5B/4B), generating carrier sense and collision
detect indications, serialization of code groups for
transmission, de-serialization of serial data upon re-
ception, mapping of transmit, receive, carrier sense,
and collision at the MII interface, and recovery of clock
from the incoming data stream. It offers stream cipher
scrambling and descrambling capability for 100BASE-
TX applications.
In th e t r an s m i t da ta pa th fo r 1 0 0 M b p s, th e
NetPHY-1LP transceiver receives 4-bit (nibble) wide
data across the MII at 25 million nibbles per second.
For 100BASE-TX applications, it encodes and scram-
bles the data, serializes it, and transmits an MLT-3 data
stream to the media via an isolation transformer. For
100BASE-FX applications, it encodes and serializes
the data and transmits a Pseudo-ECL (PECL) data
stream to the fiber optic transmitter. See Figure 1.
In the receive data path for 100 Mbps, the NetPHY-1LP
transceiver receives an MLT-3 data stream from the
network. For 100BASE-TX, it then recovers the clock
from the data stream, de-serializes the data stream,
and descrambles/decodes the data stream (5B/4B) be-
fore presenting it at the MII interface.
MII Pin Name
7-Wire (GPSI)
TX_CLK/10TXCLK
Transmit Clock
TXD[0]/10TXD
Transmit Serial Data Stream
TXD[3:1]
Not used
TX_EN/10TXEN
Transmit Enable
TX_ER
Not used
RX_CLK/10RXCLK
Receive Clock
RXD[0] /10RXD
Receive Serial Data Stream
RXD[3:1]
Not used
COL/10COL
Collision Detect
RX_ER
Not used
CRS/10CRS
Carrier Sense Detect
MII Pin Name
7-Wire (GPSI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com