Electronic Components Datasheet Search
  English  ▼

X  

AM79C874VI Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM79C874VI
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VI Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C874VI Datasheet HTML 48Page - Advanced Micro Devices AM79C874VI Datasheet HTML 49Page - Advanced Micro Devices AM79C874VI Datasheet HTML 50Page - Advanced Micro Devices AM79C874VI Datasheet HTML 51Page - Advanced Micro Devices AM79C874VI Datasheet HTML 52Page - Advanced Micro Devices AM79C874VI Datasheet HTML 53Page - Advanced Micro Devices AM79C874VI Datasheet HTML 54Page - Advanced Micro Devices AM79C874VI Datasheet HTML 55Page - Advanced Micro Devices AM79C874VI Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52
Am79C874
P R E L I M INARY
10 Mbps MII Transmit Timing
Figure 22.
10 Mbps MII Transmit Start of Packet Timing
Symbol
Parameter Description
Min.
Max.
Unit
tMTS10
TX_EN, TXD10[3:0] Setup Time to TX_CLK Rising Edge
12
-
ns
tMTH10
TX_EN, TXD10[3:0] Hold time From TX_CLK Rising Edge
0
-
ns
tMTEP10
Transmit Latency TX_EN Sampled by TX_CLK to Start of Packet
240
360
ns
tMTECRH10
CRS Assert from TX_EN Sampled HIGH
-
130
ns
tMTECOH10
COL Assert from TX_EN Sampled HIGH
-
300
ns
tMTDCRL10
CRS De-assert From TX_EN Sampled LOW
-
130
ns
tMTDCOL10
COL De-assert From TX_EN Sampled LOW
-
130
ns
tMTIDLE10
Required De-assertion Time Between Packets
300
-
ns
tMTP10
TX_CLK Period
399.98
400.02
ns
tMTWH10
TX_CLK HIGH
180
220
ns
tMTWL10
TX_CLK LOW
180
220
ns
TX_CLK
tMTS10
TX±
tMTECRH10
tMTECLH10
tMTEP10
tMTH100
tMTS10
TX_EN
CRS
COL
TXD[3:0]
tMTP10
tMTWH10
tMTWL10
22235I-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com