Electronic Components Datasheet Search
  English  ▼

X  

BFQ231 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFQ231
Description  NPN video transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ231 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFQ231 Datasheet HTML 1Page - NXP Semiconductors BFQ231 Datasheet HTML 2Page - NXP Semiconductors BFQ231 Datasheet HTML 3Page - NXP Semiconductors BFQ231 Datasheet HTML 4Page - NXP Semiconductors BFQ231 Datasheet HTML 5Page - NXP Semiconductors BFQ231 Datasheet HTML 6Page - NXP Semiconductors BFQ231 Datasheet HTML 7Page - NXP Semiconductors BFQ231 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Oct 02
5
Philips Semiconductors
Product specification
NPN video transistors
BFQ231; BFQ231A
Fig.4
DC current gain as a function of
collector current; typical values.
handbook, halfpage
50
0
20
0
100
200
300
MEA227
40
30
10
hFE
IC (mA)
VCE = 10 V; Tamb =25 °C.
f = 1 MHz; Tamb =25 °C.
handbook, halfpage
0
2
0
10
20
40
MEA224
30
6
4
Ccb
(pF)
VCB (V)
Fig.5
Collector-base capacitance as a function of
collector-base voltage; typical values.
VCE = 10 V; Tamb =25 °C.
handbook, halfpage
0
1.5
1.0
0.5
0
50
100
150
MBB476
fT
(GHz)
IC (mA)
BFQ231
BFQ231A
Fig.6
Transition frequency as a function of
collector current; typical values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com