Electronic Components Datasheet Search
  English  ▼

X  

BFQ231 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFQ231
Description  NPN video transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ231 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFQ231 Datasheet HTML 1Page - NXP Semiconductors BFQ231 Datasheet HTML 2Page - NXP Semiconductors BFQ231 Datasheet HTML 3Page - NXP Semiconductors BFQ231 Datasheet HTML 4Page - NXP Semiconductors BFQ231 Datasheet HTML 5Page - NXP Semiconductors BFQ231 Datasheet HTML 6Page - NXP Semiconductors BFQ231 Datasheet HTML 7Page - NXP Semiconductors BFQ231 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Oct 02
3
Philips Semiconductors
Product specification
NPN video transistors
BFQ231; BFQ231A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Ts is the temperature at the soldering point of the collector pin, 4 mm from the body.
2. Transistor mounted on a printed-circuit board with a metallized pad area of 10 mm2.
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BFQ231
−
100
V
BFQ231A
−
115
V
VCEO
collector-emitter voltage
open base
BFQ231
−
65
V
BFQ231A
−
95
V
VCER
collector-emitter voltage
RBE = 100 Ω
BFQ231
−
95
V
BFQ231A
−
110
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
−
300
mA
Ptot
total power dissipation
Ts ≤ 65 °C; notes 1 and 2; see Fig.3 −
1W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point note 1
85
K/W
Rth j-a
thermal resistance from junction to ambient
185
K/W
Rth s-a
thermal resistance from soldering point to ambient
100
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com