Electronic Components Datasheet Search
  English  ▼

X  

CAL01 Datasheet(PDF) 1 Page - MultiDimension Technology Co.,Ltd.

Part # CAL01
Description  CAL01 – 800 GAUSS CALIBRATION MAGNET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

CAL01 Datasheet(HTML) 1 Page - MultiDimension Technology Co.,Ltd.

  CAL01 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. CAL01 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. CAL01 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. CAL01 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. CAL01 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MultiDimension Technology Co., Ltd.
Page 1 of 5
Web: www.dowaytech.com/en, Email: info@dowaytech.com
MDT USB2705A
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R. China
Ver. 1.0a
CALIBRATION MAGNET
CAL01
CAL01 – 800 GAUSS CALIBRATION MAGNET
Features and Benefits
High Field Magnetometer Calibration
Calibrates Transverse and Axial Probes
High Degree of Stability
Accuracy Retained Between 0° C and 40° C
Durable Nylon Housing
Special Field Values Quoted on Request
Applications
USB2510x Magnetometer Calibration
STEM Education
Hobby and DIY
General Description
The CAL01 reference magnet provides a stable and convenient method to verify the accuracy and
calibration of the USB 2510x series magnetometers.
The CAL01 reference magnet is composed
of two axially magnetized permanent magnet rings that allow a probe to access the working region
of the fixture from both axial and transverse orientations, making the calibration fixture useful for
both axial and transverse probe calibration.
Unlike conventional reference magnets that rely on
placing a probe in a fixed position, which produce an error if the magnet hole is improperly sized or
the probe is not shimmed correctly, the CAL01 is designed so that magnet can be moved with
respect to the probe in order to allow the user to find the positive and negative peak magnetic field
values, which are used to compute the calibration factors.
When used in combination with
MultiDimension’s graphical data logging user interface, this technique minimizes errors from probe
misalignment and permits rapid accurate calibration of the USB2510x magnetometer probes.
The
plots below show the peak field values when moving an axial probe through the axial hole and
when rotating the magnet around a transverse probe in the transverse hole.
CAL01 IS NOT FOR USE WITH THE USB2705 MAGNETOMETER.


Similar Part No. - CAL01

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CAL0 FUJITSU-CAL0 Datasheet
2Mb / 108P
16-bit Proprietary Microcontroller
More results

Similar Description - CAL01

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
M02 MEDER-M02 Datasheet
75Kb / 1P
Magnet
M05 MEDER-M05 Datasheet
121Kb / 1P
Magnet
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
M13 MEDER-M13 Datasheet
109Kb / 1P
Magnet
M04 MEDER-M04 Datasheet
78Kb / 1P
Magnet
M21P-1 MEDER-M21P-1 Datasheet
118Kb / 1P
Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
Magnet
logo
ams AG
AS5000-MD6H-1 AMSCO-AS5000-MD6H-1 Datasheet
152Kb / 1P
magnet
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
Magnet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com