Electronic Components Datasheet Search
  English  ▼

X  

BFQ251 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFQ251
Description  PNP video transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ251 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFQ251 Datasheet HTML 1Page - NXP Semiconductors BFQ251 Datasheet HTML 2Page - NXP Semiconductors BFQ251 Datasheet HTML 3Page - NXP Semiconductors BFQ251 Datasheet HTML 4Page - NXP Semiconductors BFQ251 Datasheet HTML 5Page - NXP Semiconductors BFQ251 Datasheet HTML 6Page - NXP Semiconductors BFQ251 Datasheet HTML 7Page - NXP Semiconductors BFQ251 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Oct 06
3
Philips Semiconductors
Product specification
PNP video transistor
BFQ251
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin, 4 mm from the body.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
note 1
85
K/W
Rth j-a
thermal resistance from junction to ambient
185
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IC = −0.1 mA; IE =0
−100 −−
V
V(BR)CEO
collector-emitter breakdown voltage IC = −10 mA; IB =0
−65
−−
V
V(BR)CER
collector-emitter breakdown voltage IC = −10 mA; RBE = 100 Ω−95
−−
V
V(BR)EBO
emitter-base breakdown voltage
IE = −0.1 mA; IC =0
−3
−−
V
ICES
collector-emitter cut-off current
IB = 0; VCE = −50 V
−−−100 µA
ICBO
collector-base cut-off current
IE = 0; VCB = −50 V
−−−20
µA
hFE
DC current gain
IC = −50 mA; VCE = −10 V; see Fig.4
20
30
−
Ccb
collector-base capacitance
IC =ic = 0; VCB = −10 V; f = 1 MHz;
see Fig.5
−
2
−
pF
fT
transition frequency
IC = −50; VCE = −10 V; see Fig.6
1
1.3
−
GHz
Fig.2 DC SOAR.
Tamb =25 °C.
handbook, halfpage
0
−40
−100
−400
−300
−100
0
−200
MEA232 - 1
−20
−60
−80
IC
(mA)
VCEO (V)
Fig.3 Power derating curve.
handbook, halfpage
0
50
100
200
0.8
0.6
0.2
0
0.4
MEA228 - 1
150
1.0
1.2
Ts (
oC)
Ptot
(W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com