Electronic Components Datasheet Search
  English  ▼

X  

PMLL4448 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PMLL4448
Description  High-speed switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMLL4448 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PMLL4448 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© Nexperia B.V. 2017. All rights reserved
PMLL4148L_PMLL4448
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 1 February 2011
5 of 11
Nexperia
PMLL4148L; PMLL4448
High-speed switching diodes
8.
Test information
f=1MHz; Tj =25 °C
Fig 5.
Diode capacitance as a function of reverse voltage; typical values
010
20
1.2
1.0
0.6
0.4
0.8
mgd004
VR (V)
Cd
(pF)
(1) IR =1mA
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty cycle δ≤ 0.05
Oscilloscope: rise time tr =0.35ns
Fig 6.
Reverse recovery time test circuit and waveforms
Input signal: forward pulse rise time tr = 20 ns; forward current pulse duration tp ≥ 100 ns; duty cycle δ≤ 0.005
Fig 7.
Forward recovery voltage test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
tr
t
tp
10 %
90 %
I
input signal
RS = 50 Ω
I
Ri = 50 Ω
OSCILLOSCOPE
1 k
Ω
450
Ω
D.U.T.
mga882
VFR
t
output signal
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com