Electronic Components Datasheet Search
  English  ▼

X  

PMLL4448 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PMLL4448
Description  High-speed switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMLL4448 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PMLL4448 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© Nexperia B.V. 2017. All rights reserved
PMLL4148L_PMLL4448
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 1 February 2011
6 of 11
Nexperia
PMLL4148L; PMLL4448
High-speed switching diodes
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 8.
Package outline SOD80C
06-03-16
Dimensions in mm
1.60
1.45
0.3
3.7
3.3
0.3
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
2500
10000
PMLL4148L
SOD80C
4 mm pitch, 8 mm tape and reel
-115
-135
PMLL4448



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com