Electronic Components Datasheet Search
  English  ▼

X  

PDTC143TS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PDTC143TS
Description  NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143TS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTC143TS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PDTC143TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143TS PHILIPS-PDTC143TS Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PDTC143TS NXP-PDTC143TS Datasheet
180Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC143TS NEXPERIA-PDTC143TS Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC143TS NEXPERIA-PDTC143TS Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
More results

Similar Description - PDTC143TS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC124T_SERIES NEXPERIA-PDTC124T_SERIES Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC143T_SERIES NEXPERIA-PDTC143T_SERIES Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC144T_SERIES NEXPERIA-PDTC144T_SERIES Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PUMH15-Q NEXPERIA-PUMH15-Q Datasheet
236Kb / 11P
NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
11 May 2022
PDTA143T_SERIES NEXPERIA-PDTA143T_SERIES Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
PDTC124T_SER NEXPERIA-PDTC124T_SER Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC144T_SER NEXPERIA-PDTC144T_SER Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PEMH7 NEXPERIA-PEMH7 Datasheet
344Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 02
PUMB3 NEXPERIA-PUMB3 Datasheet
136Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
PUMD6 NEXPERIA-PUMD6 Datasheet
297Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com