Electronic Components Datasheet Search
  English  ▼

X  

PDTC143TS Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PDTC143TS
Description  NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143TS Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PDTC143TS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC143TS Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2004 Aug 06
12
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PDTC143T series
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0.30
0.15
0.25
0.10
1.8
1.4
0.9
0.7
0.5
e
1
1.75
1.45
0.2
v
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
SOT416
SC-75
w M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
A
B
B
v M A
0
0.5
1 mm
scale
A
0.95
0.60
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT416
04-11-04
06-03-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com