Electronic Components Datasheet Search
  English  ▼

X  

TC3X7 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TC3X7
Description  TriBoard Manual TC3X7 Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC3X7 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TC3X7 Datasheet HTML 10Page - Infineon Technologies AG TC3X7 Datasheet HTML 11Page - Infineon Technologies AG TC3X7 Datasheet HTML 12Page - Infineon Technologies AG TC3X7 Datasheet HTML 13Page - Infineon Technologies AG TC3X7 Datasheet HTML 14Page - Infineon Technologies AG TC3X7 Datasheet HTML 15Page - Infineon Technologies AG TC3X7 Datasheet HTML 16Page - Infineon Technologies AG TC3X7 Datasheet HTML 17Page - Infineon Technologies AG TC3X7 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
User Manual
3-6
V2.3
TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
2019-09
TriBoard Manual TC3X7
Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
TriBoard Information
Figure 3-2 Resistors for TLF35584 Safety feature handling with switch on
3.4
LEDs
There are 15 LEDs on board:
– D302 up to D305 (blue) -> toogle LEDs connected to P33.4 ... P33.7
– D306 up to D309 (blue) -> toogle LEDs connected to P20.11 ... P20.14
– D504 RST (red) -> RESET LED indicate the reset state of the board (/ESR0)
– D505 +1V25 (green) -> +1V25 power supply indication
– D506 +3V3 (green) -> +3,3V power supply indication
– D507 V_UC (green) -> +5V/+3,3V power supply indication
– D508 SS2 (green) -> safe state signal 2 indication
– D402 ACT (green) -> on board miniWiggler JDS is ACTIV
– D401 RUN (blue) -> Debug RUN mode (switched by DAS Server)
3.5
Clock
On the board is a fixed crystal with 20MHz assembled. You can change this by replacing Y101 (soldered).
3.6
USB Connector
The USB connector is used for connection to a PC. Via the USB it is possible to power the board, using the ASCLIN0
as serial connection via USB and Debugging via DAS. For the pinout of USB socket see Figure 6-8.
NOTE: Before connecting the board to the PC, make sure that the actual DAS software is installed on the PC. For
actual DAS software please contact your local FAE.
The software can also be found on:
DAS website
R386
U201
X202
R457
R347
X502
X403
S202
R453
R349
R376
R375
R329
R390
R241
R509
R507
C507
C502
U501
D508
C505
U502
S502
R398
R213
X404
R452
R354
D504
D507
D506
D505
X601
X603
X602
R439
R397
R396
R395
R394
R393
R392
R399
R324
R206
C202
C201
R202
R203
R201
R427
R344
CB402
R402
R403
Y401
U401
D402
R411
R429
R430
D401
CB414
R456
U406
U407
U408
C303
R212
R361
X201
R205
R204
R377
R225
R226
X402
R244
R247
X604
L301
CB319
CB318
C318
C309
C311
CB317
X306
C310
R3108
R3104
R3102
R3101
R3100
R382
R379
R380



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com