Electronic Components Datasheet Search
  English  ▼

X  

TC3X7 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TC3X7
Description  TriBoard Manual TC3X7 Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC3X7 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TC3X7 Datasheet HTML 17Page - Infineon Technologies AG TC3X7 Datasheet HTML 18Page - Infineon Technologies AG TC3X7 Datasheet HTML 19Page - Infineon Technologies AG TC3X7 Datasheet HTML 20Page - Infineon Technologies AG TC3X7 Datasheet HTML 21Page - Infineon Technologies AG TC3X7 Datasheet HTML 22Page - Infineon Technologies AG TC3X7 Datasheet HTML 23Page - Infineon Technologies AG TC3X7 Datasheet HTML 24Page - Infineon Technologies AG TC3X7 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
User Manual
3-13
V2.3
TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
2019-09
TriBoard Manual TC3X7
Hardware: TriBoard TC3X7 TH V2.0(1) and TriBoard TC3X7 V2.0
TriBoard Information
3.14
Other peripherals
For all other peripherals there are no special plugs on the board. The peripheral signals are available on the
different connectors. See “Connector Pin Assignment” on Page 6-1.
3.15
Toggle LED’s
The status LED’s are low active and can be controlled by Software.
Port 20 pin 11 up to pin 14 are connected to single LED’s (D306... D309) and powered by the normal
microcontroller voltage.
Port 33 pin 4 up to pin 7 are connected to single LED’s (D302... D305) and powered by the standby voltage. This
means that this LED’s can be are activ also when the board is in standby mode and only the standby voltage
available (port 33 is powered by VEVRSB pin which is connected to standby supply of TLF35584). In this case the
port pins are controlled by the standby controller if available.
3.16
Buttons
On the board are three buttons.
The reset button (S501) will apply a warm power on reset to the device.
The ENA button (S502) will be used to enable/wakeup the TLF35584.
The P33.11 button (S202) can be used by software as input. Also can this button used by the standby controller
to react on an event when only standby supply is available (e.g. wakeup the TLF35584 via P33.10).
3.17
Debug System
3.17.1
OCDS1
The OCDS1 signals are connected to the IDC16 plug (X401). They work with the port supply of Microcontroller (+5V
default or +3,3V). For pinout of the connector see Figure 6-14. You can connect any debugger to this connector.
The signals /BRKIN and /BRKOUT are not connected per default. If you need this signals in the connector then
assemble R424 and R425 or R426 with a 0R resistor.
If you connect a debug hardware make sure that the miniWiggler JDS (see “miniWiggler JDS” on Page 3-7) is not
activ (ACTIV LED is off) and on the DAP connector (X402) is no hardware connected or the hardware is tristated.
If the ACTIV LED is on, then stop the active DAS Server ’UDAS’ and/or remove the USB connection to the PC.
In case that R217, R218 and R219 are assembled instead of R214, R215 and R216 then the connector can be used
only for DAP connection to DAPE. If R214 up to R219 not assembled then the connector is not usable.
3.17.2
DAP
The board comes with a DAP connector (X402). For pinout of this connector see Figure 6-15. You can connect a
DAP hardware here. If you use this connector make sure that the miniWiggler JDS is not activ (ACTIV LED is off)
and a connected OCDS1 hardware is disconnected or tristated.
3.17.3
DAPE (only Emulation Device)
The board comes also with another DAP connector (X403) which is connected to DAPE in case that an emulation
device is used. For pinout of this connector see Figure 6-15. You can connect a DAP hardware here. If you use this
connector make sure that the miniWiggler JDS is not activ (ACTIV LED is off) and a connected OCDS1 hardware is
disconnected or tristated in case that R217, R218 and R219 are assembled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com