Electronic Components Datasheet Search
  English  ▼

X  

BFQ67T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFQ67T
Description  NPN 8 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ67T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFQ67T Datasheet HTML 4Page - NXP Semiconductors BFQ67T Datasheet HTML 5Page - NXP Semiconductors BFQ67T Datasheet HTML 6Page - NXP Semiconductors BFQ67T Datasheet HTML 7Page - NXP Semiconductors BFQ67T Datasheet HTML 8Page - NXP Semiconductors BFQ67T Datasheet HTML 9Page - NXP Semiconductors BFQ67T Datasheet HTML 10Page - NXP Semiconductors BFQ67T Datasheet HTML 11Page - NXP Semiconductors BFQ67T Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2000 Mar 06
8
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFQ67T
handbook, full pagewidth
MRC049
180
°
135
°
90
°
45
°
0
°
−45°
−90°
−135°
0.5
0.4
0.3
0.2
0.1
3 GHz
40 MHz
Fig.14 Common emitter reverse transmission coefficient (S12).
IC = 15 mA; VCE =8V.
handbook, full pagewidth
MRC050
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180
°
135
°
90
°
45
°
0
°
−45°
−90°
−135°
3 GHz
40 MHz
Fig.15 Common emitter output reflection coefficient (S22).
IC = 15 mA; VCE = 8 V; Zo =50 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com